Electronic Components Datasheet Search
  English  ▼

X  

HM1426 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HM1426
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HM1426 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HM1426 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HM1426 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HM1426 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. :HE9518-B
Issued Date : 1997.06.17
Revised Date : 2000.10.01
Page No. : 1/3
HSMC Product Specification
HM1426
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HM1426 is designed for DC-DC converter.
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature ................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ................................................................................... 1.2 W
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ....................................................................................... -20 V
VCES Collector to Emitter Voltage..................................................................................... -20 V
VEBO Emitter to Base Voltage ............................................................................................ -6 V
IC Collector Current ............................................................................................................. -3 A
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-20
-
-
V
IC=-50uA
BVCEO
-20
-
-
V
IC=-1mA
BVEBO
-5
-
-
V
IE=-10uA
ICBO
-
-
-100
nA
VCB=-20V
IEBO
-
-
-100
nA
VEB=-5V
*VCE(sat)
-
-0.3
-0.5
V
IC=-2A, IB=-100mA
*hFE
160
260
390
VCE=-2V, IC=-100mA
fT
-
240
-
MHz
VCE=-2V, IC=-500mA, f=100MHz
Cob
-
35
-
pF
VCB=10V, f=1MHz
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%


Similar Part No. - HM1426

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HM14 HSMC-HM14 Datasheet
31Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
Shenzhen Huazhimei Semi...
HM1404C HMSEMI-HM1404C Datasheet
507Kb / 7P
N-Channel Enhancement Mode Power MOSFET
HM1404D HMSEMI-HM1404D Datasheet
615Kb / 7P
N-Channel Enhancement Mode Power MOSFET
HM1410 HMSEMI-HM1410 Datasheet
749Kb / 9P
2A 380KHz 18V Buck DC to DC Converter
HM1460 HMSEMI-HM1460 Datasheet
1Mb / 19P
Single Buck Voltage Mode PWM Controller
More results

Similar Description - HM1426

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com