Electronic Components Datasheet Search
  English  ▼

X  

2N7635-GA Datasheet(PDF) 2 Page - GeneSiC Semiconductor, Inc.

Part # 2N7635-GA
Description  Normally ??OFF Silicon Carbide Junction Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

2N7635-GA Datasheet(HTML) 2 Page - GeneSiC Semiconductor, Inc.

  2N7635-GA Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. 2N7635-GA Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. 2N7635-GA Datasheet HTML 3Page - GeneSiC Semiconductor, Inc. 2N7635-GA Datasheet HTML 4Page - GeneSiC Semiconductor, Inc. 2N7635-GA Datasheet HTML 5Page - GeneSiC Semiconductor, Inc. 2N7635-GA Datasheet HTML 6Page - GeneSiC Semiconductor, Inc. 2N7635-GA Datasheet HTML 7Page - GeneSiC Semiconductor, Inc. 2N7635-GA Datasheet HTML 8Page - GeneSiC Semiconductor, Inc. 2N7635-GA Datasheet HTML 9Page - GeneSiC Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2N7635-GA
Dec 2014
http://www.genesicsemi.com/high-temperature-sic/high-temperature-sic-junction-transistors/
Pg 2 of 9
Section II: Static Electrical Characteristics
A: On State
B: Off State
C: Thermal
Section III: Dynamic Electrical Characteristics
A: Capacitance and Gate Charge
B: Switching
1
1 – All times are relative to the Drain-Source Voltage V
DS
Parameter
Symbol
Conditions
Value
Unit
Notes
Min.
Typical
Max.
Drain
– Source On Resistance
RDS(ON)
ID = 4 A, Tj = 25 °C
ID = 4 A, Tj = 175 °C
ID = 4 A, Tj = 220 °C
425
800
1180
mΩ
Fig. 5
Gate
– Source Saturation Voltage
VGS,sat
ID = 5 A, ID/IG = 40, Tj = 25 °C
ID = 5 A, ID/IG = 30, Tj = 175 °C
3.45
3.22
V
Fig. 7
DC Current Gain
hFE
VDS = 5 V, ID = 5 A, Tj = 25 °C
VDS = 5 V, ID = 5 A, Tj = 220 °C
90
60
110
80
–
Fig. 5
Drain Leakage Current
IDSS
VDS = 600 V, VGS = 0 V, Tj = 25 °C
VDS = 600 V, VGS = 0 V, Tj = 175 °C
VDS = 600 V, VGS = 0 V, Tj = 220 °C
0.1
1
10
μA
Fig. 8
Gate Leakage Current
ISG
VSG = 20 V, Tj = 25 °C
20
nA
Thermal resistance, junction - case
RthJC
4.18
°C/W
Parameter
Symbol
Conditions
Value
Unit
Notes
Min.
Typical
Max.
Input Capacitance
Ciss
VGS = 0 V, VD = 600 V, f = 1 MHz
310
pF
Fig. 9
Reverse Transfer/Output Capacitance
Crss/Coss
VDS = 600 V, f = 1 MHz
17
pF
Fig. 9
Output Capacitance Stored Energy
EOSS
VGS = 0 V, VDS = 600 V, f = 1 MHz
2.8
µJ
Fig. 10
Effective Output Capacitance,
time related
Coss,tr
ID = constant, VGS = 0 V, VDS = 0…400 V
27
pF
Effective Output Capacitance,
energy related
Coss,er
VGS = 0 V, VDS = 0…400 V
21
pF
Gate-Source Charge
QGS
VGS = -5…3 V
3
nC
Gate-Drain Charge
QGD
VGS = 0 V, VDS = 0…400 V
11
nC
Gate Charge - Total
QG
QGS + QGD
14
nC
Internal Gate Resistance
– zero bias
RG(INT-ZERO)
f = 1 MHz, VAC = 50 mV, VDS = 0 V,
VGS = 0 V, Tj = 175 ºC
14.5
Ω
Internal Gate Resistance
– ON
RG(INT-ON)
VGS > 2.5 V, VDS = 0 V, Tj = 175 ºC
0.37
Ω
Turn On Delay Time
td(on)
Tj = 175 ºC, VDS = 400 V,
ID = 4 A, Resistive Load
Refer to Section V for additional
driving information.
5
ns
Fall Time, VDS
tf
46
ns
Fig. 11
Turn Off Delay Time
td(off)
75
ns
Rise Time, VDS
tr
19
ns
Fig. 12
Turn On Delay Time
td(on)
Tj = 225 ºC, VDS = 400 V,
ID = 4 A, Resistive Load
10
ns
Fall Time, VDS
tf
46
ns
Fig. 11
Turn Off Delay Time
td(off)
115
ns
Rise Time, VDS
tr
18
ns
Fig. 12
Turn-On Energy Per Pulse
Eon
Tj = 175 ºC, VDS = 400 V,
ID = 4 A, Inductive Load
Refer to Section V.
24
µJ
Fig. 11
Turn-Off Energy Per Pulse
Eoff
8
µJ
Fig. 12,
Total Switching Energy
Etot
32
µJ
Turn-On Energy Per Pulse
Eon
Tj = 225 ºC, VDS = 400 V,
ID = 4 A, Inductive Load
31
µJ
Fig. 11
Turn-Off Energy Per Pulse
Eoff
9
µJ
Fig. 12
Total Switching Energy
Etot
40
µJ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com