Electronic Components Datasheet Search
  English  ▼

X  

DB102G Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # DB102G
Description  Silicon Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

DB102G Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  DB102G Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. DB102G Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. DB102G Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 50 V - 400 V
IO = 1 A
Features
• Ideal for printed circuit board
DB Package
• Not ESD Sensitive
Mechanical Data
S
G
G
• High surge current capability
Case: Molded plastic
Single Phase Glass Passivated
Silicon Bridge Rectifier
• Types from 50 V up to 400 V VRRM
• Reliable low cost construction utilizing molded
plastic technique
Mounting position: Any
Cditi
DB101G thru DB104G
DB104G
DB103G
Maximum ratings at Tc = 25 °C, unless otherwise specified
Polarity: Polarrity symbols marked on the body
• Small size, simple installation
Terminals: Plated terminals, solderable per MIL-STD-
202, Method 208
Parameter
Symbol
DB101G
DB102G
Unit
Repetitive peak reverse voltage
VRRM
50
100
V
RMS reverse voltage
VRMS
35
70
V
DC blocking voltage
VDC
50
100
V
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
DB101G
DB102G
Unit
Maximum average forward
rectified current
IO
1.0
1.0
A
Peak forward surge current
IFSM
30
30
A
Maximum instantaneous
forward voltage drop
1.1
1.1
55
500
500
Typical junction capacitance
Cj
25
25
pF
Typical thermal resistance
R
ΘJC
20
20
°C/W
25
25
20
20
VF
5
μA
V
Electrical characteristics at Tc = 25 °C, unless otherwise specified
500
500
-55 to 150
-55 to 150
Conditions
Ta = 25 °C
IF = 1.0 A
Conditions
DB104G
200
140
DB103G
-55 to 150
Maximum DC reverse current at
rated DC blocking voltage
IR
Ta = 125 °C
280
400
200
1.1
1.1
DB103G
Single phase, half sine wave, 60 Hz, resistive or inductive load
For capacitive load derate current by 20%
Ta = 40 °C
1.0
1.0
tp = 8.3 ms, half sine
30
30
-55 to 150
DB104G
5
400
www.genesicsemi.com/silicon-products/bridge-rectifiers/
1


Similar Part No. - DB102G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
DB102G ZOWIE-DB102G Datasheet
52Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
DB102G TSC-DB102G Datasheet
122Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
DB102G LUGUANG-DB102G Datasheet
248Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
America Semiconductor, ...
DB102G AMERICASEMI-DB102G Datasheet
453Kb / 2P
BRIDGE RECTIFIERS
logo
Nanjing International G...
DB102G DGNJDZ-DB102G Datasheet
212Kb / 2P
SINGLE PHASE 1.0 AMP GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - DB102G

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
B285 EDAL-B285 Datasheet
77Kb / 1P
Silicon Bridge Rectifier
B901 EDAL-B901 Datasheet
75Kb / 1P
Silicon Bridge Rectifier
logo
Chenmko Enterprise Co. ...
KBPC1005PT CHENMKO-KBPC1005PT Datasheet
94Kb / 2P
SILICON BRIDGE RECTIFIER
KBPC10005PT CHENMKO-KBPC10005PT Datasheet
76Kb / 2P
SILICON BRIDGE RECTIFIER
logo
EIC discrete Semiconduc...
KBU8A EIC-KBU8A Datasheet
50Kb / 2P
Silicon Bridge Rectifier
logo
Central Semiconductor C...
1N4001GPP CENTRAL-1N4001GPP_15 Datasheet
79Kb / 2P
SILICON BRIDGE RECTIFIER
CDSH-2 CENTRAL-CDSH-2 Datasheet
48Kb / 1P
SILICON BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
KBU6005 JUXING-KBU6005 Datasheet
463Kb / 2P
SILICON BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
1B4B42 NJSEMI-1B4B42 Datasheet
86Kb / 2P
SILICON BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
KBU8005 JUXING-KBU8005_18 Datasheet
1Mb / 2P
SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com