Electronic Components Datasheet Search
  English  ▼

X  

HM3019 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HM3019
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HM3019 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HM3019 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HM3019 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. :HE9526-A
Issued Date : 1998.07.01
Revised Date : 2000.10.01
Page No. : 1/2
HSMC Product Specification
HM3019
NPN EPITAXIAL PLANAR TRANSISTOR
Description
This device is designed for use as general purpose amplifier and
switching requiring collector currents 1A
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature ................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ................................................................................... 1.2 W
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ...................................................................................... 140 V
VCEO Collector to Emitter Voltage ..................................................................................... 80 V
VEBO Emitter to Base Voltage ............................................................................................. 7 V
IC Collector Current .............................................................................................................. 1 A
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
140
-
-
V
IC=100uA
BVCEO
80
-
-
V
IC=30mA
BVEBO
7
-
-
V
IE=100uA
ICBO
-
-
50
nA
VCB=90V
IEBO
-
-
50
nA
VEB=5V
*VCE(sat)
-
-
0.2
V
IC=150mA, IB=15mA
*VBE(sat)
-
-
1.1
V
IC=150mA, IB=15mA
*hFE1
50
-
-
IC=0.1mA, VCE=10V
*hFE2
90
-
-
IC=10mA, VCE=10V
*hFE3
100
-
300
IC=150mA, VCE=10V
*hFE4
50
-
-
IC=500mA, VCE=10V
*hFE5
15
-
-
IC=1000mA, VCE=10V
fT
100
-
-
MHz
IC=50mA, VCE=10V, f=100MHz
Cob
-
-
12
pF
VCE=10V, f=1MHz, IE=0
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%


Similar Part No. - HM3019

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
HM301 WEITRON-HM301 Datasheet
79Kb / 3P
Surface Mount Ultra Fast Recovery Rectifiers
logo
Shenzhen Huazhimei Semi...
HM3012 HMSEMI-HM3012 Datasheet
715Kb / 10P
1.5MHz STEP-UP DC-DC CONVERTER
More results

Similar Description - HM3019

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com