Electronic Components Datasheet Search
  English  ▼

X  

HM3669 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HM3669
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HM3669 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HM3669 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HM3669 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HM3669 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : Preliminary Data
Issued Date : 2000.07.01
Revised Date : 2000.07.01
Page No. : 1/3
HSMC Product Specification
HM3669
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HM3669 is designed for using in power amplifier applications,
power switching application.
Absolute Maximum Ratings (Ta=25
°C)
• Maximum Temperatures
Tstg Storage Temperature .................................................................................... -55 ~ +150
°C
Tj Junction Temperature ................................................................................................ +150
°C
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ...................................................................................... 1 W
• Maximum Voltages and Currents
BVCBO Collector to Base Breakdown Voltage ................................................................... 80 V
BVCEO Collector to Emitter Breakdown Voltage ................................................................ 80 V
BVEBO Emitter to Base Emitter Breakdown Voltage............................................................ 5 V
IC Collector Current (DC)...................................................................................................... 2 A
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
80
-
-
V
IC=100uA
BVCEO
80
-
-
V
IC=10mA
BVEBO
5
-
-
V
IE=100uA
ICBO
-
-
1000
nA
VCB=80V
IEBO
-
-
1000
nA
VEB=5V
*VCE(sat)
-
0.15
0.5
V
IC=1A, IB=50mA
*VBE(sat)
-
0.9
1.2
V
IC=1A, IB=50mA
*hFE
300
-
-
VCE=2V, IC=500mA
fT
-
100
-
MHz
VCE=2V, IC=500mA
Cob
-
30
-
pF
VCB=10V, f=1MHz
Ton
-
0.2
-
uS
Tstg
-
1
-
uS
Tf
-
0.2
-
uS
IB1=-IB2=50mA, Duty Cycle 1%
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%


Similar Part No. - HM3669

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM36 TTELEC-HM36 Datasheet
578Kb / 2P
High Current Low Profile Low Loss Ferrite Surface Mount Inductors
HM36-12111R0LF TTELEC-HM36-12111R0LF Datasheet
578Kb / 2P
High Current Low Profile Low Loss Ferrite Surface Mount Inductors
HM36-12111R4LF TTELEC-HM36-12111R4LF Datasheet
578Kb / 2P
High Current Low Profile Low Loss Ferrite Surface Mount Inductors
HM36-12111R5LF TTELEC-HM36-12111R5LF Datasheet
578Kb / 2P
High Current Low Profile Low Loss Ferrite Surface Mount Inductors
HM36-12113R6LF TTELEC-HM36-12113R6LF Datasheet
578Kb / 2P
High Current Low Profile Low Loss Ferrite Surface Mount Inductors
More results

Similar Description - HM3669

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com