Electronic Components Datasheet Search
  English  ▼

X  

74HC32 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HC32
Description  Quad 2-input OR gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC32 Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC32 Datasheet HTML 1Page - NXP Semiconductors 74HC32 Datasheet HTML 2Page - NXP Semiconductors 74HC32 Datasheet HTML 3Page - NXP Semiconductors 74HC32 Datasheet HTML 4Page - NXP Semiconductors 74HC32 Datasheet HTML 5Page - NXP Semiconductors 74HC32 Datasheet HTML 6Page - NXP Semiconductors 74HC32 Datasheet HTML 7Page - NXP Semiconductors 74HC32 Datasheet HTML 8Page - NXP Semiconductors 74HC32 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The 74HC32; 74HCT32 is a quad 2-input OR gate. Inputs include clamp diodes. This
enables the use of current limiting resistors to interface inputs to voltages in excess of
VCC.
2.
Features and benefits
Wide supply voltage range from 2.0 V to 6.0 V
Complies with JEDEC standard JESD7A
Symmetrical output impedance
High noise immunity
Low power dissipation
Balanced propagation delays
Input levels:
For 74HC32: CMOS level
For 74HCT32: TTL level
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
Multiple package options
Specified from
40 C to +85 C and from 40 C to +125 C
74HC32; 74HCT32
Quad 2-input OR gate
Rev. 5 — 4 September 2012
Product data sheet


Similar Part No. - 74HC32

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC32 PHILIPS-74HC32 Datasheet
35Kb / 6P
Quad 2-input OR gate
December 1990
logo
List of Unclassifed Man...
74HC32 ETC1-74HC32 Datasheet
131Kb / 4P
QUAD 2-INPUT OR GATE
logo
ON Semiconductor
74HC32 ONSEMI-74HC32 Datasheet
127Kb / 8P
Quad 2?묲nput OR Gate High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
logo
NXP Semiconductors
74HC32 NXP-74HC32 Datasheet
138Kb / 17P
Quad 2-input OR gate
Rev. 5-4 September 2012
logo
Diodes Incorporated
74HC32 DIODES-74HC32 Datasheet
303Kb / 9P
QUADRUPLE 2-INPUT OR GATES
Rev 3
More results

Similar Description - 74HC32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
Quad 2-Input OR gate
1991 Feb 08
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
QUAD 2-INPUT OR GATE
Apr-2001
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
QUAD 2-INPUT OR GATE
Feb-1999
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
QUAD 2 INPUT OR GATE
logo
Fairchild Semiconductor
DM74AS32 FAIRCHILD-DM74AS32 Datasheet
60Kb / 5P
Quad 2-Input OR Gate
DM74S32 FAIRCHILD-DM74S32 Datasheet
33Kb / 3P
Quad 2-Input OR Gate
MM74HCT32 FAIRCHILD-MM74HCT32_05 Datasheet
83Kb / 7P
Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com