Electronic Components Datasheet Search
  English  ▼

X  

HM44 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HM44
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HM44 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HM44 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HM44 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HM44 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE9524-B
Issued Date : 1998.01.06
Revised Date : 2000.10.01
Page No. : 1/3
HSMC Product Specification
HM44
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HM44 is designed for application requires high voltage.
Features
• High voltage: VCEO=400V(min) at IC=1mA
• High current gain: IC=300mA at 25°C
• Complementary with HM94
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature ................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ...................................................................................... 1 W
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ...................................................................................... 400 V
VCEO Collector to Emitter Voltage ................................................................................... 400 V
VEBO Emitter to Base Voltage ............................................................................................. 6 V
IC Collector Current ...................................................................................................... 300 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
400
-
-
V
IC=100uA
BVCEO
400
-
-
V
IC=1mA
BVEBO
6
-
-
V
IE=10uA
ICBO
-
-
100
nA
VCB=400V
IEBO
-
-
100
nA
VEB=4V
ICES
-
-
500
nA
VCE=400V
*VCE(sat)1
-
-
375
mV
IC=20mA, IB=2mA
*VCE(sat)2
-
-
750
mV
IC=50mA, IB=5mA
*VBE(sat)
-
-
750
mV
IC=10mA, IB=1mA
*hFE1
40
-
-
VCE=10V, IC=1mA
*hFE2
50
-
300
VCE=10V, IC=10mA
*hFE3
45
-
-
VCE=10V, IC=50mA
*hFE4
40
-
-
VCE=10V, IC=100mA
Cob
-
4
6
pF
VCB=20V, f=1MHz
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%


Similar Part No. - HM44

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM4402B HMSEMI-HM4402B Datasheet
627Kb / 7P
N-Channel Enhancement Mode Power MOSFET
HM4402C HMSEMI-HM4402C Datasheet
470Kb / 7P
N-Channel Enhancement Mode Power MOSFET
HM4404 HMSEMI-HM4404 Datasheet
678Kb / 6P
N-Channel Enhancement Mode Power MOSFET
HM4406A HMSEMI-HM4406A Datasheet
403Kb / 3P
30V N-Channel Enhancement-Mode MOSFET
HM4407A HMSEMI-HM4407A Datasheet
579Kb / 6P
P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - HM44

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com