Electronic Components Datasheet Search
  English  ▼

X  

HM5401 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HM5401
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HM5401 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HM5401 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HM5401 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HM5401 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HM5401 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE9503
Issued Date : 1996.04.09
Revised Date : 2002.08.27
Page No. : 1/4
HM5401
HSMC Product Specification
HM5401
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HM5401 is designed for general purpose applications requiring
high breakdown voltages.
Features
• High current-emitter breakdown voltage.VCEO=150V(@IC=1mA)
• Complements to NPN type HM5551
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature .................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ....................................................................................... 1 W
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ...................................................................................... -160 V
VCES Collector to Emitter Voltage ................................................................................... -150 V
VEBO Emitter to Base Voltage ............................................................................................. -5 V
IC Collector Current ...................................................................................................... -600 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Max.
Unit
Test Conditions
BVCBO
-160
-
V
IC=-100uA
BVCEO
-150
-
V
IC=-1mA
BVEBO
-5
-
V
IE=-10uA
ICBO
-
-50
nA
VCB=-120V
IEBO
-
-50
nA
VEB=-5V
*VCE(sat)1
-
-0.2
V
IC=-10mA, IB=-1mA
*VCE(sat)2
-
-0.5
V
IC=-50mA, IB=-5mA
*VBE(sat)1
-
-1
V
IC=-10mA, IB=-1mA
*VBE(sat)2
-
-1
V
IC=-50mA, IB=-5mA
*hFE1
50
-
VCE=-5V, IC=-1mA
*hFE2
60
240
VCE=-5V, IC=-10mA
*hFE3
50
-
VCE=-5V, IC=-50mA
fT
100
-
MHz
VCE=-10V, IC=-10mA, f=100MHz
Cob
-
6
pF
VCB=-10V, f=1MHz
*Pulse Test: Pulse Width
≤380us, Duty Cycle≤2%
SOT-89


Similar Part No. - HM5401

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM5401 HMSEMI-HM5401 Datasheet
642Kb / 8P
1 Li-ion/Li-polymer battery charge balance IC
More results

Similar Description - HM5401

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com