Electronic Components Datasheet Search
  English  ▼

X  

NJM2103 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2103
Description  SYSTEM RESET IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2103 Datasheet(HTML) 1 Page - New Japan Radio

  NJM2103 Datasheet HTML 1Page - New Japan Radio NJM2103 Datasheet HTML 2Page - New Japan Radio NJM2103 Datasheet HTML 3Page - New Japan Radio NJM2103 Datasheet HTML 4Page - New Japan Radio NJM2103 Datasheet HTML 5Page - New Japan Radio NJM2103 Datasheet HTML 6Page - New Japan Radio NJM2103 Datasheet HTML 7Page - New Japan Radio NJM2103 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
NJM2103
- 1 -
Ver.2012-07-09
1
2
3
4
5
6
7
8
+
-
+
-
Comp.B
Comp.A
+
-
+
-
R
S
Q
+
-
Reference Voltage
10µA
6µA
Comp.C
1.235V
1.235V
V
+
VSC
GND
OUTC
RESET
CT
VSB / RESIN
VSA
SYSTEM RESET IC
■ GENERAL DESCRIPTION
■ PACKAGE OUTLINE
NJM2103 is supply voltage supervisory IC to detect the abnormal
conditions, such as shut down of all supply voltages at once, or sudden
voltage down and then generate the reset signal. It supervises both 5V
supply voltage and the voltage optionally set up.
■ FEATURES
● Precise Detection of Supply Voltage Down
(VSA=4.2V±2.5%)
● Possible Detection of Optional Voltage Down (VSB=1.22V±1.5%)
● Possible Detection of Optional Over-loading
● Low Operating Current
(ICC≦560µA@VSB=5V)
● Reference Voltage can be taken out.
● Low Reset Validated Voltage
(V+=0.8V Typ.)
● Voltage Detection with Hystersis Feature
● Package Outline
DIP8, DMP8, SIP8
● Bipolar Technology
■ PIN CONFIGURATION
■ BLOCK DIAGRAM
NJM2103D
NJM2103M
NJM2103L
PIN FUNCTION
1. CT
2. VSC
3. OUTC
4. GND
5. V+
6. VSB/RESIN
7. VSA
8.
RESET
NJM2103D
NJM2103M
NJM2103L


Similar Part No. - NJM2103

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2103 NJRC-NJM2103 Datasheet
291Kb / 9P
SYSTEM RESET IC
NJM2103D NJRC-NJM2103D Datasheet
291Kb / 9P
SYSTEM RESET IC
NJM2103L NJRC-NJM2103L Datasheet
291Kb / 9P
SYSTEM RESET IC
NJM2103M NJRC-NJM2103M Datasheet
291Kb / 9P
SYSTEM RESET IC
More results

Similar Description - NJM2103

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2102 NJRC-NJM2102 Datasheet
314Kb / 11P
SYSTEM RESET IC
NJM2103 NJRC-NJM2103 Datasheet
291Kb / 9P
SYSTEM RESET IC
logo
Rohm
BH6150F ROHM-BH6150F Datasheet
78Kb / 8P
System reset IC
logo
KODENSHI_AUK CORP.
BMR-0101 KODENSHI-BMR-0101 Datasheet
316Kb / 2P
System Reset IC
BMR-0201 KODENSHI-BMR-0201 Datasheet
314Kb / 2P
System Reset IC
BMR-0301 KODENSHI-BMR-0301 Datasheet
312Kb / 2P
System Reset IC
BMR-0401 KODENSHI-BMR-0401 Datasheet
322Kb / 2P
System Reset IC
logo
Rohm
BD47XXG ROHM-BD47XXG Datasheet
175Kb / 6P
System Reset IC
logo
Mitsumi Electronics, Co...
PST85XX MITSUMI-PST85XX Datasheet
139Kb / 13P
System Reset IC
logo
New Japan Radio
NJU2103B NJRC-NJU2103B Datasheet
1Mb / 29P
System Reset IC
Ver.1.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com