Electronic Components Datasheet Search
  English  ▼

X  

HM882 Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # HM882
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HM882 Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  HM882 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HM882 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HM882 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HM882 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE9514
Issued Date : 1997.06.05
Revised Date : 2003.01.10
Page No. : 2/4
HM882
HSMC Product Specification
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
40
-
-
V
IC=100uA, IE=0
BVCEO
30
-
-
V
IC=1mA, IB=0
BVEBO
5
-
-
V
IE=10uA, IC=0
ICBO
-
-
1
uA
VCB=30V, IE=0
IEBO
-
-
1
uA
VEB=3V, IB=0
*VCE(sat)
-
-
0.5
V
IC=2A, IB=0.2A
*VBE(sat)
-
-
2
V
IC=2A, IB=0.2A
*hFE1
30
-
-
VCE=2V, IC=20mA
*hFE2
100
-
500
VCE=2V, IC=1A
fT
-
90
-
MHz
VCE=5V, IC=0.1A, f=100MHz
Cob
-
45
-
pF
IE=0,VCB=10V, f=1MHz
*Pulse Test: Pulse Width
≤380us, Duty Cycle≤2%
Classification Of hFE2
Rank
Q
P
E
Range
100-200
160-320
250-500



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com