Electronic Components Datasheet Search
  English  ▼

X  

PI5L200 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI5L200
Description  Precision Wide Bandwidth LanSwitch Quad 2 1 Mux/DeMux
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5L200 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI5L200 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5L200 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5L200 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5L200 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5L200 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5L200 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5L200 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5L200 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5L200 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
PS7055G
10/01/04
PI5L200
PrecisionWideBandwidthLanSwitch
Quad 2:1 Mux/DeMux
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Figure 2. Switching Time
HP4195
NETWORK
ANALYZER
50
Ω
PI5L200
+5V
100
Ω
100
Ω
SEI
ACTIVE PROBE
VOUT
Figure 3. Bandwidth
Test Circuits
100
Ω
VOUT
tOFF
tON
50%
50%
90%
90%
Digital
Input
Analog
Output
35pF
VCC
PI5L200
IN
*Note: This is a 1.5V for 3.3V supply.
S
Y
3V*
GND
E
VCC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com