Electronic Components Datasheet Search
  English  ▼

X  

HM965 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HM965
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HM965 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HM965 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HM965 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HM965 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE9511
Issued Date : 1996.04.12
Revised Date : 2002.10.01
Page No. : 1/3
HM965
HSMC Product Specification
HM965
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HM965 is designed for use as AF output amplifier and glash unit.
Features
• Low VCE(sat)
• High performance at low supply voltage
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature .................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) .................................................................................... 1.2 W
• Maximum Voltages and Currents (Ta=25°C)
BVCBO Collector to Base Voltage....................................................................................... 40 V
BVCEO Collector to Emitter Voltage.................................................................................... 20 V
BVEBO Emitter to Base Voltage............................................................................................ 7 V
IC Collector Current (Continuous) ......................................................................................... 5 A
IC Collector Current (Peak PT=10mS) .................................................................................. 8 A
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
40
-
-
V
IC=100uA
BVCEO
20
-
-
V
IC=1mA
BVEBO
7
-
-
V
IE=10uA
ICBO
-
-
0.1
uA
VCB=10V
IEBO
-
-
0.1
uA
VEB=7V
*VCE(sat)
-
0.35
1
V
IC=3A, IB=0.1A
*hFE1
340
-
800
VCE=2V, IC=0.5A
*hFE2
150
-
-
VCE=2V, IC=2A
fT
-
150
-
MHz
VCE=6V, IE=50mA
Cob
-
-
50
pF
VCB=20V, f=1MHz
*Pulse Test: Pulse Width
≤380us, Duty Cycle≤2%
Classifications Of hFE1
Rank
R
S
Range
340-600
560-800
SOT-89


Similar Part No. - HM965

ManufacturerPart #DatasheetDescription
logo
DFI Inc
HM960-HM86 DFI-HM960-HM86 Datasheet
1,013Kb / 2P
4th Gen Intel Core COM ExpressBasic
HM960-HM86BS0-4102E DFI-HM960-HM86BS0-4102E Datasheet
1,013Kb / 2P
4th Gen Intel Core COM ExpressBasic
HM960-HM86BS0-4400E DFI-HM960-HM86BS0-4400E Datasheet
1,013Kb / 2P
4th Gen Intel Core COM ExpressBasic
HM960-HM86BS0-4402E DFI-HM960-HM86BS0-4402E Datasheet
1,013Kb / 2P
4th Gen Intel Core COM ExpressBasic
HM960-QM87 DFI-HM960-QM87 Datasheet
1Mb / 2P
4th Gen Intel짰 Core COM Express Basic
More results

Similar Description - HM965

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com