Electronic Components Datasheet Search
  English  ▼

X  

ATF750LVC Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATF750LVC
Description  Product Term or Direct Input Pin Clocking
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF750LVC Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATF750LVC_14 Datasheet HTML 11Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 12Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 13Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 14Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 15Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 16Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 17Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 18Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 19Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16
1447F–PLD–11/08
ATF750LVC
24.3
24S – SOIC
0º ~ 8º
PIN 1 ID
PIN 1
06/17/2002
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
REV.
24S, 24-lead (0.300" body) Plastic Gull Wing Small Outline (SOIC)
B
24S
R
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
–
–
2.65
A1
0.10
–
0.30
D
10.00
–
10.65
D1
7.40
–
7.60
E
15.20
–
15.60
B
0.33
–
0.51
L
0.40
–
1.27
L1
0.23
–
0.32
e
1.27 BSC
B
D
D1
e
E
A
A1
L1
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com