Electronic Components Datasheet Search
  English  ▼

X  

HMBT2369 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HMBT2369
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HMBT2369 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HMBT2369 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HMBT2369 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HMBT2369 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6834
Issued Date : 1998.02.01
Revised Date : 2001.10.25
Page No. : 1/3
HMBT2369
HSMC Product Specification
HMBT2369
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HMBT2369 is designed for general purpose switching and
amplifier applications.
Features
• Low Collector Saturation Voltage
• High speed switching Transistor
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature .................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ................................................................................ 225 mW
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ......................................................................................... 40 V
VCEO Collector to Emitter Voltage ...................................................................................... 15 V
VEBO Emitter to Base Voltage ........................................................................................... 4.5 V
IC Collector Current ....................................................................................................... 500 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
40
-
-
V
IC=100uA, IE=0
BVCEO
15
-
-
V
IC=10mA, IB=0
BVEBO
4.5
-
-
V
IE=10uA, IC=0
ICBO
-
-
400
nA
VCB=20V, IE=0
IEBO
-
-
100
nA
VEB=2V, IC=0
*VCE(sat)1
-
-
250
mV
IC=10mA, IB=1mA
*VCE(sat)2
-
-
300
mV
IC=10mA, IB=0.3mA
*VCE(sat)3
-
-
600
mV
IC=100mA, IB=10mA
*VBE(sat)1
700
-
850
mV
IC=10mA, IB=1mA
*VBE(sat)2
-
-
1.5
V
IC=100mA, IB=1mA
*hFE1
40
-
120
IC=10mA, VCE=1V
*hFE2
20
-
-
IC=100mA, VCE=2V
fT
500
900
-
MHz
IC=10mA, VCE=10V, f=100MHZ
Cob
-
-
4
pF
VCB=5V, f=1MHz, IE=0
*Pulse Test: Pulse Width
≤380us, Duty Cycle≤2%
SOT-23


Similar Part No. - HMBT2369

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2484 HSMC-HMBT2484 Datasheet
26Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
HMBT28S HSMC-HMBT28S Datasheet
40Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2907 HSMC-HMBT2907 Datasheet
29Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
HMBT2907A HSMC-HMBT2907A Datasheet
29Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - HMBT2369

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com