Electronic Components Datasheet Search
  English  ▼

X  

HMBT2907 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HMBT2907
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HMBT2907 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HMBT2907 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HMBT2907 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HMBT2907 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6821
Issued Date : 1993.06.23
Revised Date : 2002.10.25
Page No. : 1/3
HMBT2907A
HSMC Product Specification
HMBT2907A
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HMBT2907A is designed for general purpose amplifier and high
-speed switching, medium power switching applications.
Features
• Low Collector Saturation Voltage
• High Speed Switching
• For Complementary Use With NPN Type HMBT2222A
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ........................................................................................... -55 ~ +150
°C
Junction Temperature.................................................................................................... +150
°C
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ............................................................................... 225 mW
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ........................................................................................ -60 V
VCEO Collector to Emitter Voltage..................................................................................... -60 V
VEBO Emitter to Base Voltage ............................................................................................. -5 V
IC Collector Current....................................................................................................... -600 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-60
-
-
V
IC=-10uA
BVCEO
-60
-
-
V
IC=-10mA
BVEBO
-5
-
-
V
IC=-10uA
ICBO
-
-
-10
nA
VCB=-50V
ICEX
-
-
-50
nA
VCE=-30V, VBE=-0.5V
*VCE(sat)1
-
-0.2
-0.4
V
IC=-150mA, IB=-15mA
*VCE(sat)2
-
-0.5
-1.6
V
IC=-500mA, IB=-50mA
*VBE(sat)1
-
-
-1.3
V
IC=-150mA, IB=-15mA
*VBE(sat)2
-
-
-2.6
V
IC=-500mA, IB=-50mA
*hFE1
75
-
-
VCE=-10V, IC=-100uA
*hFE2
100
-
-
VCE=-10V, IC=-1mA
*hFE3
100
-
-
VCE=-10V, IC=-10mA
*hFE4
100
180
300
VCE=-10V, IC=-150mA
*hFE5
50
-
-
VCE=-10V, IC=-500mA
fT
200
-
-
MHz
VCB=-20V, IC=-50mA, f=100MHz
Cob
-
-
8
pF
VCB=-10V, f=1MHz
*Pulse Test: Pulse Width
≤380us, Duty Cycle≤2%
SOT-23


Similar Part No. - HMBT2907

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2369 HSMC-HMBT2369 Datasheet
30Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2484 HSMC-HMBT2484 Datasheet
26Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
HMBT28S HSMC-HMBT28S Datasheet
40Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - HMBT2907

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com