Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA32 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # ATMEGA32
Description  High Endurance Non-volatile Memory segments
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA32 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button ATMEGA32 Datasheet HTML 35Page - ATMEL Corporation ATMEGA32 Datasheet HTML 36Page - ATMEL Corporation ATMEGA32 Datasheet HTML 37Page - ATMEL Corporation ATMEGA32 Datasheet HTML 38Page - ATMEL Corporation ATMEGA32 Datasheet HTML 39Page - ATMEL Corporation ATMEGA32 Datasheet HTML 40Page - ATMEL Corporation ATMEGA32 Datasheet HTML 41Page - ATMEL Corporation ATMEGA32 Datasheet HTML 42Page - ATMEL Corporation ATMEGA32 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 346 page
background image
39
2503Q–AVR–02/11
ATmega32(L)
External Reset
An External Reset is generated by a low level on the RESET pin. Reset pulses longer than the
minimum pulse width (see Table 15) will generate a reset, even if the clock is not running.
Shorter pulses are not guaranteed to generate a reset. When the applied signal reaches the
Reset Threshold Voltage – V
RST – on its positive edge, the delay counter starts the MCU after
the Time-out period t
TOUT has expired.
Figure 18. External Reset During Operation
Brown-out Detection
ATmega32 has an On-chip Brown-out Detection (BOD) circuit for monitoring the V
CC level dur-
ing operation by comparing it to a fixed trigger level. The trigger level for the BOD can be
selected by the fuse BODLEVEL to be 2.7V (BODLEVEL unprogrammed), or 4.0V (BODLEVEL
programmed). The trigger level has a hysteresis to ensure spike free Brown-out Detection. The
hysteresis on the detection level should be interpreted as V
BOT+ = VBOT + VHYST/2 and VBOT- =
V
BOT - VHYST/2.
The BOD circuit can be enabled/disabled by the fuse BODEN. When the BOD is enabled
(BODEN programmed), and V
CC decreases to a value below the trigger level (VBOT- in Figure
19), the Brown-out Reset is immediately activated. When V
CC increases above the trigger level
(V
BOT+ in Figure 19), the delay counter starts the MCU after the Time-out period tTOUT has
expired.
The BOD circuit will only detect a drop in V
CC if the voltage stays below the trigger level for lon-
ger than t
BOD given in Table 15.
Figure 19. Brown-out Reset During Operation
CC
VCC
RESET
TIME-OUT
INTERNAL
RESET
VBOT-
VBOT+
tTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com