Electronic Components Datasheet Search
  English  ▼

X  

HMBTA06 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HMBTA06
Description  NPN SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HMBTA06 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HMBTA06 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HMBTA06 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HMBTA06 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6840
Issued Date : 1994.07.29
Revised Date : 2002.10.25
Page No. : 1/3
HMBTA06
HSMC Product Specification
HMBTA06
NPN SILICON TRANSISTOR
Description
Amplifier Transistor
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ........................................................................................... -55 ~ +150
°C
Junction Temperature.................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ............................................................................... 225 mW
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ......................................................................................... 80 V
VCEO Collector to Emitter Voltage...................................................................................... 80 V
VEBO Emitter to Base Voltage .............................................................................................. 4 V
IC Collector Current........................................................................................................ 500 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
80
-
-
V
IC=100uA
BVCEO
80
-
-
V
IC=1mA
BVEBO
4
-
-
V
IE=100uA
ICBO
-
-
100
nA
VCB=80V
ICEO
-
-
100
nA
VCE=60V
*VCE(sat)
-
-
0.25
V
IC=100mA, IB=10mA
VBE(on)
-
-
1.2
V
IC=100mA, VCE=1V
*hFE1
50
-
-
IC=10mA, VCE=1V
*hFE2
50
-
-
IC=100mA, VCE=1V
fT
100
-
-
MHz
IC=10mA, VCE=2V, f=100MHz
*Pulse Test: Pulse Width
≤380us, Duty Cycle≤2%
SOT-23


Similar Part No. - HMBTA06

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HMBTA13 HSMC-HMBTA13 Datasheet
31Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
HMBTA14 HSMC-HMBTA14 Datasheet
37Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
HMBTA42 HSMC-HMBTA42 Datasheet
39Kb / 4P
NPN EPITACIAL PLANAR TRANSISTOR
logo
GUANGDONG HOTTECH INDUS...
HMBTA42 HOTTECH-HMBTA42 Datasheet
416Kb / 4P
GENERAL PURPOSE TRANSISTOR
logo
List of Unclassifed Man...
HMBTA44 ETC-HMBTA44 Datasheet
37Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - HMBTA06

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com