Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA644 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATMEGA644
Description  High Endurance Non-volatile Memory segments
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA644 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATMEGA644 Datasheet HTML 17Page - ATMEL Corporation ATMEGA644 Datasheet HTML 18Page - ATMEL Corporation ATMEGA644 Datasheet HTML 19Page - ATMEL Corporation ATMEGA644 Datasheet HTML 20Page - ATMEL Corporation ATMEGA644 Datasheet HTML 21Page - ATMEL Corporation ATMEGA644 Datasheet HTML 22Page - ATMEL Corporation ATMEGA644 Datasheet HTML 23Page - ATMEL Corporation ATMEGA644 Datasheet HTML 24Page - ATMEL Corporation ATMEGA644 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 376 page
background image
21
2593O–AVR–02/12
ATmega644
6.5
Register Description
6.5.1
EEARH and EEARL – The EEPROM Address Register
• Bits 15:12 – Res: Reserved Bits
These bits are reserved bits in the ATmega644 and will always read as zero.
• Bits 11:0 – EEAR8:0: EEPROM Address
The EEPROM Address Registers – EEARH and EEARL specify the EEPROM address in the 4
Kbytes EEPROM space. The EEPROM data bytes are addressed linearly between 0 and 4096.
The initial value of EEAR is undefined. A proper value must be written before the EEPROM may
be accessed.
6.5.2
EEDR – The EEPROM Data Register
• Bits 7:0 – EEDR7:0: EEPROM Data
For the EEPROM write operation, the EEDR Register contains the data to be written to the
EEPROM in the address given by the EEAR Register. For the EEPROM read operation, the
EEDR contains the data read out from the EEPROM at the address given by EEAR.
6.5.3
EECR – The EEPROM Control Register
• Bits 7:6 – Res: Reserved Bits
These bits are reserved bits in the ATmega644 and will always read as zero.
• Bits 5:4 – EEPM1 and EEPM0: EEPROM Programming Mode Bits
The EEPROM Programming mode bit setting defines which programming action that will be trig-
gered when writing EEPE. It is possible to program data in one atomic operation (erase the old
value and program the new value) or to split the Erase and Write operations in two different
operations. The Programming times for the different modes are shown in Table 6-1. While EEPE
is set, any write to EEPMn will be ignored. During reset, the EEPMn bits will be reset to 0b00
unless the EEPROM is busy programming.
Bit
15
141312
11
10
9
8
0x22 (0x42)
–
–
–
–
EEAR11
EEAR10
EEAR9
EEAR8
EEARH
0x21 (0x41)
EEAR7
EEAR6
EEAR5
EEAR4
EEAR3
EEAR2
EEAR1
EEAR0
EEARL
76
54
3
2
10
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
X
X
X
X
X
XXX
X
X
XX
Bit
76543210
0x20 (0x40)
MSB
LSB
EEDR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000
Bit
7
65
43
2
1
0
0x1F (0x3F)
–
–
EEPM1
EEPM0
EERIE
EEMPE
EEPE
EERE
EECR
Read/Write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
X
X
0
0
X
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com