Electronic Components Datasheet Search
  English  ▼

X  

3702-BA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 3702-BA
Description  NEMA STEEL METAL BOX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3702-BA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  3702-BA Datasheet HTML 1Page - List of Unclassifed Manufacturers 3702-BA Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
C
B
A
A
B
C
D
CAD GENERATED DRAWING,
DO NOT MANUALLY UPDATE
SCALE
SIZE
CAD FILE:
DWG. NO.
D
SHEET
REV.
DATE
APPROVALS
DRAWN
CHECKED
APPROVED
BUD INDUSTRIES INC.
NEMA STEEL METAL BOX
+/-.005 BETWEEN HOLE CENTERS
+/- .015 FROM SHEARED EDGE
+/- .032 FROM A BENT SURFACE
+/- .062 BETWEEN ASSEMBLED
SURFACES
UNLESS OTHERWISE SPECIFIED
MATERIAL
FINISH
AS NOTED
AS NOTED
DO NOT SCALE DRAWING
PARTS LIST
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF
BUD INDUSTRIES INC. ANY REPRODUCTION IN PART OR WHOLE WITHOUT
THE WRITTEN PERMISSION OF BUD INDUSTRIES INC. IS PROHIBITED.
REVISIONS
DWG. NO.
E
F
E
F
SN-3700
DP
1-3-06
ISSUE
SN-3700
USED ON
QTY.
OF
2
2
SEE SHEET 1
1.500
C
.450
.958
*
*
*
*
*
*
*
SPOT WELD BRACKET
EVERY 2 INCHES
(2 BRACKETS)
*
*
*
*
*
*
*
.312 (4x)
.500
D
F
E
TYP
REF
.750
.375
SPOT WELD EACH BRACKET
IN 2 PLACES MIN
(SEE TABLE FOR NUMBER
OF BRACKETS REQUIRED)
* *
* *
* *
.625
INSTALL 0.75 WIDE x
0.198 THICK (5mm) MIN.
NEMA 4x RATED, CLOSED
CELL FOAM AROUND INSIDE
OF COVER.
WELD STANDOFF
12mm TALL
DRILL AND TAP FOR
M5 - 0.8 x 10 DEEP
ALL PARTS TO BE PAINTED SMOOTH GRAY
"TYPE 4x ENCLOSURE" LABEL
UL LABEL
1.458
.656 TYP
1.458
SPOT WELD HINGE LEAF
EVERY 2 INCHES
*
*
*
*
*
*
*
.348
1.804
.329
.256 REF
WELD STANDOFF
12 mm TALL
DRILL AND TAP FOR
M5 - 0.8 x 10mm DEEP (5)
B
.875 TYP
TYP
.875
A
H
G
PART NUMBER
A
B
C
D
E
F
3700-BA
6.00
4.00
3.00
6.75
2.00
3.00
3701-BA
8.00
6.00
3.50
8.75
4.00
5.00
3702-BA
6.00
6.00
4.00
6.75
4.00
5.00
3703-BA
12.00
10.00
5.00
12.75
8.00
9.00
3704-BA
10.00
8.00
6.00
10.75
6.00
7.00
3705-BA
12.00
12.00
6.00
12.75
10.00
11.00
3706-BA
14.00
12.00
6.00
14.75
10.00
11.00
3707-BA
16.00
14.00
6.00
16.75
12.00
13.00
3708-BA
14.00
12.00
8.00
14.75
10.00
11.00
3709-BA
16.00
14.00
10.00
16.75
12.00
13.00
BODY ASSEMBLY
PART NUMBER
G
H
3700-CA
6.31
4.31
3701-CA
8.31
6.31
3702-CA
6.31
6.31
3703-CA
12.31
10.31
3704-CA
10.31
8.31
3705-CA
12.31
12.31
3706-CA
14.31
12.31
3707-CA
16.31
14.31
3708-CA
14.31
12.31
3709-CA
16.31
14.31
COVER ASSEMBLY



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com