Electronic Components Datasheet Search
  English  ▼

X  

HMM4148 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HMM4148
Description  SURFACE MOUNT SITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HMM4148 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HMM4148 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HMM4148 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HMM4148 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. :Preliminary Data
Issued Date : 1999.05.01
Revised Date : 1999.09.01
Page No. : 1/3
HSMC Product Specification
HMM4148
SURFACE MOUNT SWITCHING DIODES
Description
The HMM4148 is designed for high-speed switching application in hybrid thick-and thin-film
circuits.
Absolute Maximum Ratings
( Operating temperature range applies unless otherwise specified )
Characteristics
Symbol
Value
Unit
Reverse Voltage
VR
75
V
Peak Reverse Voltage
IRM
100
V
Rectified Current(Average)
Half Wave Rectification with Resistive Load at
Tamb=25
°C and f≥50Hz
IO
150
mA
Surge Forward Current at t<1s and Tj=25
°C
IFSM
500
mA
Power Dissipation at Tamb=25
°C
Ptot
500
mW
Junction Temperature
Tj
200
°C
Storage Temperature Range
Ts
-65 to +200
°C
Characteristics ( Tj=25
°C)
Characteristics
Symbol
Min
Typ
Max
Unit
Forward Voltage at IF=10mA
VF
--
1
V
VR=20V
-
-
25
nA
VR =75V
-
-
5
uA
Leakage Current at
VR =20V, Tj=150
°C
IR
-
-
50
uA
Reverse Breakdown Voltage tested with 100us Pulses
V(BR)R
100
-
-
V
Capacitance at VF= VR =0
Ctot
--
-4
pF
Voltage Rise when Switching On Tested with 50mA
Forward Pulses Tp=0.1us, Rise Time<30ns, fp=5~100kHz
Vfr
--
2.5
V
Reverse Recovery Time From
IF=-IR=10mA to IRR=-1mA, VR=6V, RL=100
Ω
trr
--
4
ns
Thermal Resistance
Function to Ambient Air
RthA
-
-
0.35 K/mW
Rectification Efficiency at f=100MHz, VRF=2V
η
v
0.45
-
-
-


Similar Part No. - HMM4148

ManufacturerPart #DatasheetDescription
logo
LUMATIC LUBRICATION
HMM 8/100/90 LUMATIC-HMM 8/100/90 Datasheet
508Kb / 6P
GREASE NIPPLE MOXES
January 2000
logo
Tyco Electronics
HMM-095095-10-8A MACOM-HMM-095095-10-8A Datasheet
2Mb / 48P
Label format - Old format order code cross reference
HMM-101101-1.3-8A MACOM-HMM-101101-1.3-8A Datasheet
2Mb / 48P
Label format - Old format order code cross reference
HMM-101635-2.5-8A MACOM-HMM-101635-2.5-8A Datasheet
2Mb / 48P
Label format - Old format order code cross reference
HMM-127127-10-8A MACOM-HMM-127127-10-8A Datasheet
2Mb / 48P
Label format - Old format order code cross reference
More results

Similar Description - HMM4148

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
Surface Mount Zener Diodes
logo
Cystech Electonics Corp...
MF400XSL CYSTEKEC-MF400XSL Datasheet
135Kb / 3P
SURFACE MOUNT DIODES
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
Surface Mount Switching Diodes
logo
Voltage Multipliers Inc...
SXF50FF3 VMI-SXF50FF3 Datasheet
75Kb / 1P
High Voltage Diodes - Surface Mount High Voltage Diodes - Surface Mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com