Electronic Components Datasheet Search
  English  ▼

X  

PS9713-V Datasheet(PDF) 1 Page - NEC

Part # PS9713-V
Description  1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9713-V Datasheet(HTML) 1 Page - NEC

  PS9713-V Datasheet HTML 1Page - NEC PS9713-V Datasheet HTML 2Page - NEC PS9713-V Datasheet HTML 3Page - NEC PS9713-V Datasheet HTML 4Page - NEC PS9713-V Datasheet HTML 5Page - NEC PS9713-V Datasheet HTML 6Page - NEC PS9713-V Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1998, 2000
Document No. P13982EJ2V0DS00 (2nd edition)
Date Published May 2000 NS CP(K)
Printed in Japan
PHOTOCOUPLER
PS9713
1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE
INTELLIGENT POWER MODULE
5-PIN SOP PHOTOCOUPLER
−NEPOCTM Series−
DESCRIPTION
The PS9713 is an optically coupled isolator containing a GaAlAs LED on the input side and a photo diode and a
signal processing circuit on the output side on one chip.
FEATURES
• High instantaneous common mode rejection voltage (CMH, CML =
±15 kV/
µs MIN.)
• Small package (5-pin SOP)
• High-speed response (tPHL = 500 ns MAX., tPLH = 750 ns MAX.)
• Maximum propagation delays (tPLH
− tPHL = 270 ns TYP.)
• Pulse width distortion ( | tPHL
− tPLH | = 270 ns TYP.)
• Ordering number of taping product: PS9713-F3, F4: 3 500 pcs/reel
• UL approved: File No. E72422 (S)
• VDE0884 approved (Option)
APPLICATIONS
•IPM Driver
• General purpose inverter


Similar Part No. - PS9713-V

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9713-V CEL-PS9713-V Datasheet
70Kb / 7P
1 Mbps, OPEN-COLLECTOR OUTPUT FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
PS9713-V-F3 CEL-PS9713-V-F3 Datasheet
70Kb / 7P
1 Mbps, OPEN-COLLECTOR OUTPUT FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
More results

Similar Description - PS9713-V

ManufacturerPart #DatasheetDescription
logo
NEC
PS9613 NEC-PS9613 Datasheet
84Kb / 6P
1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
PS9113 NEC-PS9113 Datasheet
240Kb / 14P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS9713 CEL-PS9713 Datasheet
70Kb / 7P
1 Mbps, OPEN-COLLECTOR OUTPUT FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
PS9613 CEL-PS9613 Datasheet
409Kb / 13P
1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
PS9513 CEL-PS9513 Datasheet
1Mb / 19P
1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
PS9113 CEL-PS9113 Datasheet
254Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9513 RENESAS-PS9513_15 Datasheet
181Kb / 21P
1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE
PS9113 RENESAS-PS9113_15 Datasheet
284Kb / 18P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9113 RENESAS-PS9113_16 Datasheet
373Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9613 RENESAS-PS9613 Datasheet
291Kb / 19P
1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com