Electronic Components Datasheet Search
  English  ▼

X  

RD39JS Datasheet(PDF) 6 Page - NEC

Part # RD39JS
Description  DO-34 Package Low noise, Sharp Breakdown characteristics 400 mW Zener Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD39JS Datasheet(HTML) 6 Page - NEC

  RD39JS Datasheet HTML 1Page - NEC RD39JS Datasheet HTML 2Page - NEC RD39JS Datasheet HTML 3Page - NEC RD39JS Datasheet HTML 4Page - NEC RD39JS Datasheet HTML 5Page - NEC RD39JS Datasheet HTML 6Page - NEC RD39JS Datasheet HTML 7Page - NEC RD39JS Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RD4.7JS to RD39JS
6
Data Sheet D13937EJ5V0DS00
Fig. 10 TRANSIENT THERMAL IMPEDANCE CHARACTERISTIC
100
10
1
1 m
10 m
100 m
1
10
100
t
− Time − s
375
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com