Electronic Components Datasheet Search
  English  ▼

X  

IRF6608 Datasheet(PDF) 8 Page - International Rectifier

Part # IRF6608
Description  Application Specific MOSFETs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6608 Datasheet(HTML) 8 Page - International Rectifier

  IRF6608 Datasheet HTML 1Page - International Rectifier IRF6608 Datasheet HTML 2Page - International Rectifier IRF6608 Datasheet HTML 3Page - International Rectifier IRF6608 Datasheet HTML 4Page - International Rectifier IRF6608 Datasheet HTML 5Page - International Rectifier IRF6608 Datasheet HTML 6Page - International Rectifier IRF6608 Datasheet HTML 7Page - International Rectifier IRF6608 Datasheet HTML 8Page - International Rectifier IRF6608 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IRF6608
8
www.irf.com
Data and specifications subject to change without notice.
This product has been designed and qualified for the Consumer market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.3/04
DirectFET
™ Tape & Reel Dimension (Showing component orientation).
METRIC
MIN
330.0
20.2
12.8
1.5
100.0
N.C
12.4
11.9
CODE
A
B
C
D
E
F
G
H
MAX
N.C
N.C
0.520
N.C
N.C
0.724
0.567
0.606
MIN
12.992
0.795
0.504
0.059
3.937
N.C
0.488
0.469
MAX
N.C
N.C
13.2
N.C
N.C
18.4
14.4
15.4
IMPERIAL
STANDARD OPTION (QTY 4800)
NOTE: Controlling dimensions in mm
Std reel quantity is 4800 parts. (ordered as IRF6618). For 1000 parts on 7" reel,
order IRF6618TR1
METRIC
IMPERIAL
TR1 OPTION (QTY 1000)
MIN
177.77
19.06
13.5
1.5
58.72
N.C
11.9
11.9
MAX
N.C
N.C
12.8
N.C
N.C
13.50
12.01
12.01
MIN
6.9
0.75
0.53
0.059
2.31
N.C
0.47
0.47
MAX
N.C
N.C
0.50
N.C
N.C
0.53
N.C
N.C
REEL DIMENSIONS
NOTE: CONTROLLING
DIMENSIONS IN MM
CODE
A
B
C
D
E
F
G
H
MAX
0.319
0.161
0.484
0.219
0.209
0.264
N.C
0.063
MIN
0.311
0.154
0.469
0.215
0.201
0.256
0.059
0.059
MIN
7.90
3.90
11.90
5.45
5.10
6.50
1.50
1.50
MAX
8.10
4.10
12.30
5.55
5.30
6.70
N.C
1.60
DIMENSIONS
METRIC
IMPERIAL
Loaded Tape Feed Direction



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com