Electronic Components Datasheet Search
  English  ▼

X  

SPF5043Z Datasheet(PDF) 13 Page - RF Micro Devices

Part # SPF5043Z
Description  50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPF5043Z Datasheet(HTML) 13 Page - RF Micro Devices

Back Button SPF5043Z Datasheet HTML 5Page - RF Micro Devices SPF5043Z Datasheet HTML 6Page - RF Micro Devices SPF5043Z Datasheet HTML 7Page - RF Micro Devices SPF5043Z Datasheet HTML 8Page - RF Micro Devices SPF5043Z Datasheet HTML 9Page - RF Micro Devices SPF5043Z Datasheet HTML 10Page - RF Micro Devices SPF5043Z Datasheet HTML 11Page - RF Micro Devices SPF5043Z Datasheet HTML 12Page - RF Micro Devices SPF5043Z Datasheet HTML 13Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13 of 13
DS110915
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SPF5043Z
Legacy Part Identification Marking - No Trace Code
Primary Part Identification Marking - Trace Code Only
Ordering Information
Ordering Code
Description
SPF5043Z
7" Reel with 3000 pieces
SPF5043ZSQ
Sample bag with 25 pieces
SPF5043ZSR
7” Reel with 100 pieces
SPF5043ZPCK1
400MHz to 3000MHz PCBA with 5-piece sample bag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com