Electronic Components Datasheet Search
  English  ▼

X  

SSA34 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SSA34
Description  High-Current Density Surface Mount Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SSA34 Datasheet(HTML) 3 Page - Vishay Siliconix

  SSA34 Datasheet HTML 1Page - Vishay Siliconix SSA34 Datasheet HTML 2Page - Vishay Siliconix SSA34 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
New Product
SSA33L & SSA34
Vishay General Semiconductor
3
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Characteristics
0.01
0.1
0.2
0.4
0.6
0.8
1.0
0
1
10
100
Instantaneous Forward Voltage (V)
SSA33L
SSA34
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
020
60
40
100
80
0.001
0.01
1
0.1
10
100
Percent of Rated Peak Reverse Voltage (%)
SSA33L
SSA34
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
Figure 5. Typical Junction Capacitance
1
10
100
100
1000
10
SSA33L
SSA34
T
J = 25 °C
f = 1.0 MHz
Vsig = 50 mVp-p
Reverse Voltage (V)
0.030 (0.76)
0.060 (1.52)
0.008 (0.203)
0.194 (4.93)
0.208 (5.28)
0.157 (3.99)
0.177 (4.50)
0.100 (2.54)
0.110 (2.79)
0.078 (1.98)
0.090 (2.29)
0.006 (0.152)
0.012 (0.305)
0.049 (1.25)
0.065 (1.65)
Cathode Band
0 (0)
DO-214AC (SMA)
Mounting Pad Layout
0.074 (1.88)
MAX.
0.208 (5.28)
REF.
0.066 (1.68)
MIN.
0.060 (1.52)
MIN.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com