Electronic Components Datasheet Search
  English  ▼

X  

TA042 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TA042
Description  100 MHz x100/x1000 Differential Probe Users Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TA042 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TA042 Datasheet HTML 1Page - List of Unclassifed Manufacturers TA042 Datasheet HTML 2Page - List of Unclassifed Manufacturers TA042 Datasheet HTML 3Page - List of Unclassifed Manufacturers TA042 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6
© Copyright Pico Technology 2008
DO137-1
7. Specifications
Bandwidth
DC to 100 MHz (-3 dB)
Attenuation ratio
1:100/1000
Accuracy
±2%
Rise Time
3.5 ns
Input Impedance
4 M
Ω // 7 pF each side to ground
Input Voltage
Max. Differential* (1/100)
Max. Differential* (1/1000)
±140 V (DC + Peak AC) or 140 V rms
±1400 V (DC + Peak AC) or 1000 V rms
Common Mode Range*
±1400V (DC + Peak AC) or 1000 V rms
(1/100 and 1/1000)
Absolute Max. Voltage*
(Differential or Common Mode)
±1400 V (DC + Peak AC) or 1000 V rms CAT III
(1/100 & 1/1000)
Output Voltage
Swing (into 50 kΩ load)
±7V
Offset (typical)
<±5 mV
Noise (typical)
0.9 mV rms
Source Impedance (typical)
50
Ω
CMRR (typical)
-80 dB @ 60 Hz; -50 dB @ 1 MHz
Ambient Operating Temperature
-10 to 40
℃
Ambient Storage Temperature
-30 to 70
℃
Ambient Operating Humidity
25 to 85% RH
Ambient Storage Humidity
25 to 85% RH
Power Requirements
Standard
4xAA cells or 6 V DC / 200 mA mains adaptor**
or regulated 9 V DC / 120 mA mains adaptor**
Option
Power leads
Length of Input Leads
30 cm
Length of BNC Lead
90 cm
Weight
500 g
Dimension (LxWxH)
207 mm x 83 mm x 38 mm
* Voltage limit is the lesser of the DC+Peak AC and RMS values.
**
a.
The supplied voltage must be less than 12 V and greater than 4.4 V, otherwise
the probe could be damaged or might not operate properly.
b.
Polarity is “+” inside and “–” outside.
If the polarity is wrong, a built-in circuit
protects the probe so that no danger or damage will occur.
c.
When the voltage of the cells becomes too low, the power indicator on the
panel will flicker.
DO137-1
© Copyright Pico Technology 2008
3
Use proper power source
To ensure proper functioning of this probe, use four AA cells or a 6 VDC / 200 mA
mains adaptor or regulated 9 VDC / 120 mA mains adaptor or power leads.
Do not operate the probe if it is damaged
If you suspect there is damage to this probe, have it inspected by qualified service
personnel.
3. Description
By enabling conventional oscilloscopes to display and measure in-circuit waveforms
that are referenced to high common-mode voltages, this differential probe extends
the measurement capability of oscilloscopes in electronic power converters,
inverters,
motor
speed
controls,
switch-mode
power
supplies
and
many
applications.
4. Installation
a.
Simply plug in the BNC output connector to the vertical input of a
general-purpose oscilloscope or other measurement instrument, and connect
the auxiliary grounding terminal to a proper ground.
The measurement
instrument must have a ground reference.
b.
Install four AA cells or connect an appropriate power source to this probe.
c.
Select the proper attenuation ratio.
When measuring signals below 140 V,
switch the attenuation ratio to 1/100 in order to get higher resolution and less
noise.
Otherwise, set the attenuation to 1/1000.
WARNING
To protect against electric shock, use only the
accessories designed for use with this differential
probe.
d.
Using the appropriate probe accessories, connect the input to the circuits under
measurement.
CAUTION
This probe is designed for carrying out differential
measurements between two points on the circuit
under test.
It is not intended for electrically
insulating the circuit under test and the measuring
instrument.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com