Electronic Components Datasheet Search
  English  ▼

X  

TCP305 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TCP305
Description  AC/DC Current Measurement Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCP305 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TCP305 Datasheet HTML 1Page - List of Unclassifed Manufacturers TCP305 Datasheet HTML 2Page - List of Unclassifed Manufacturers TCP305 Datasheet HTML 3Page - List of Unclassifed Manufacturers TCP305 Datasheet HTML 4Page - List of Unclassifed Manufacturers TCP305 Datasheet HTML 5Page - List of Unclassifed Manufacturers TCP305 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Temperature
Operating
0 °C to +50 °C (32 °F to 122 °F)
Nonoperating
-40 °C to +75 °C (-40 °F to 167 °F)
Humidity
Operating
5% to 95% R.H. to +30 °C (86 °F)
5% to 85% R.H. +30 °C to +50 °C (86 °F to 122 °F)
Nonoperating
5% to 95% R.H. to +30 °C (86 °F)
5% to 85% R.H. +30 °C to +75 °C (86 °F to 167 °F)
Altitude
Operating
2000 m (6800 ft.) maximum
Nonoperating
12,192 m (40,000 ft.) maximum
Ordering information
Models
Probes
TCP312A Probe
AC/DC current, DC to 100 MHz; 30 A DC (Requires TCPA300 amplifier)
TCP305A Probe
AC/DC current, DC to 50 MHz; 50 A DC (Requires TCPA300 amplifier)
TCP303 Probe
AC/DC current, DC to 15 MHz; 150 A DC (Requires TCPA300 amplifier)
TCP404XL Probe
AC/DC current, DC to 2 MHz; 500 A DC (750 A DC derated with duty cycle) (Requires TCPA400 amplifier)
Amplifiers
TCPA300 Amplifier
AC/DC current probe, DC to 100 MHz, (Requires TCP305A or TCP312A or TCP303 probes)
TCPA400 Amplifier
AC/DC current probe, DC to 50 MHz, (Requires TCP404XL probe)
Recommended accessories
Cover, large probe protective; (for
TCP303, TCP404XL)
016-1924-00
Case, transit; current
measurement systems
016-1922-00
50 Ω feedthrough termination
011-0049-02
50 Ω BNC-to-BNC coaxial cable
012-0117-00
TEKPROBE interface cable,
TCPA300 or TCPA400 amplifier to
TDS series oscilloscopes
012-1605-00
Current loop, 1 turn, 50 Ω, BNC
connector (for TCP305A, TCP312A,
TCP202A)
067-2396-00
Current loop, 1 turn, 50 Ω, BNC
connector (for TCP303, TCP404XL)
015-0601-50
Datasheet
4 www.tektronix.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com