Electronic Components Datasheet Search
  English  ▼

X  

TCP303 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TCP303
Description  AC/DC Current Measurement Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCP303 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TCP303 Datasheet HTML 1Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 2Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 3Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 4Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 5Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Characteristics
Maximum current ratings
High-current sensitivity
TCP312A w/ TCPA300 TCP305A w/ TCPA300 TCP303 w/ TCPA300
TCP404XL w/ TCPA400
Range
10 A/V
10 A/V
50 A/V
1 A/mV
DC (continuous)
30 A
50 A
150 A
500 A (750 A)
RMS (sinusoidal)
21.2 A
35.4 A
150 A
500 A
Peak
50 A
50 A
500 A
750 A
Low-current sensitivity
Range
1 A/V
5 A/V
5 A/V
N/A
DC (continuous)
5 A
25 A
25 A
N/A
RMS (sinusoidal)
3.5 A
17.7 A
17.7 A
N/A
Peak
50 A
50 A
500 A
N/A
Physical characteristics
Amplifiers
TCPA300/TCPA400
Length
17.3 cm (6.8 in)
Width
16.7 cm (6.6 in)
Height
9.14 cm (3.6 in)
Weight
1.14 kg (2.5 lb)
Probes
TCP305A/TCP312A
TCP303
TCP404XL
Length
20 cm (7.77 in)
26.8 cm (10.55 in)
26.8 cm (10.55 in)
Width
6 cm (0.625 in)
4.1 cm (1.60 in)
4.1 cm (1.60 in)
Height
3.2 cm (1.25 in)
15.6 cm (6.13 in)
15.6 cm (6.13 in)
Weight
0.15 kg (0.33 lb)
0.66 kg (1.45 lb)
0.88 kg (1.90 lb)
Maximum conductor size
TCP312A
TCP305A
TCP303
TCP404XL
5.0 mm (0.15 in)
5.0 mm (0.15 in)
21 mm x 25 mm (0.83 x 1.0 in) 21 mm x 25 mm (0.83 x 1.0 in)
Cable length
1.5 m (60 in)
1.5 m (60 in)
2 m (78.7 in)
8 m (315 in)
EMC environment and safety
U.S. NRTL listing
TCP312A/305A probe and amplifier
Amplifiers
TCP303/404XL probe and amplifier
UL61010-2-032, UL61010-1
UL3111-1, first edition
UL3111-2-032, UL3111-2-031; UL3111-1
Canadian certification
CAN/CSA C22.2 No. 61010-1, CAN/CSA
C22.2 No. 61010-2-032
CAN/CSA C22.2 No.1010.1-92
CAN/CSA C22.2 No.1010.1-92
European Union compliance
EN61010-1, EN61010-2-032
EN61010-1:2001
EN61010-1/A2, EN61010-2-031,
EN61010-2-032
Other
IEC61010-1/A2
IEC61010-2-032
Electromagnetic compatibility
EC Council Directive 89/336/EEC, FCC
Part 15, Subpart B Class A, AS/NZS
2064.1/2.
AC/DC Current Measurement Systems
www.tektronix.com 3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com