Electronic Components Datasheet Search
  English  ▼

X  

A1015 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # A1015
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

A1015 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  A1015 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics A1015 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics A1015 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6512-B
Issued Date : 1992.11.25
Revised Date : 2000.09.15
Page No. : 1/3
HSMC Product Specification
HSA1015
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HSA1015 is designed for use in driver stage of AF amplifier and
general purpose amplification.
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature ................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ............................................................................... 400 mW
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ....................................................................................... -50 V
VCEO Collector to Emitter Voltage .................................................................................... -50 V
VEBO Emitter to Base Voltage ............................................................................................ -5 V
IC Collector Current ..................................................................................................... -150 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-50
-
-
V
IC=-100uA, IE=0
BVCEO
-50
-
-
V
IC=-1mA, IB=0
BVEBO
-5
-
-
V
IE=-10uA, IC=0
ICBO
-
-
-100
nA
VCB=-50V, IE=0
IEBO
-
-
-100
nA
VEB=-5V, IC=0
*VCE(sat)
-
-
-300
mV
IC=-100mA, IB=-10mA
*VBE(sat)
-
-
-1.1
V
IC=-100mA, IB=-10mA
*hFE1
120
-
700
VCE=-6V, IC=-2mA
*hFE2
25
-
-
VCE=-6V, IC=-150mA
fT
80
-
-
MHz
VCE=-10V, IC=-1mA, f=100MHz
Cob
-
-
7
pF
VCB=-10V, f=1MHz, IE=0
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%
Classification Of hFE1
Rank
Y
GR
BL
Range
120-240
200-400
350-700


Similar Part No. - A1015

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
A1015 PANASONIC-A1015 Datasheet
48Kb / 2P
Photo Interrupters
logo
Toshiba Semiconductor
A1015 TOSHIBA-A1015 Datasheet
156Kb / 2P
PNP EPITAXIAL TYPE(AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER, DRIVER STAGE AMPLIFIER)
27-Mar-2003
logo
Unisonic Technologies
A1015 UTC-A1015 Datasheet
62Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
A1015 FAIRCHILD-A1015 Datasheet
42Kb / 4P
LOW FREQUENCY AMPLIFIER
logo
Micro Electronics
A1015 MICRO-ELECTRONICS-A1015 Datasheet
73Kb / 1P
PNP SILICON TRANSISTOR
More results

Similar Description - A1015

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com