Electronic Components Datasheet Search
  English  ▼

X  

TCS3103FN Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TCS3103FN
Description  The technical content of this TAOS datasheet is still valid.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCS3103FN Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TCS3103FN Datasheet HTML 1Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 2Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 3Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 4Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 5Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 6Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 7Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 8Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TCS3103, TCS3104
LIGHT-TO-VOLTAGE COLOR SENSOR
TAOS108B − JULY 2010
1
The LUMENOLOGY
r Company
r
r
Copyright
E 2010, TAOS Inc.
www.taosinc.com
D Three-Channel RGB Color Sensor
D Converts Light Intensity to Voltage
D Single-Voltage Supply Operation —
4.5 V to 5.5 V
D Rail-to-Rail Output
D Programmable gain settings:
− TCS3103 (2
y, 4y)
− TCS3104 (4
y, 1y)
D Low Supply Current — 270 mA Typical
D Fast Response Time —
Rise Time = 12
ms Typical
D Low Dark Offset
Description
The TCS3103 and TCS3104 RGB Light-to-Voltage Converters combine three photodiodes with optical filters,
amplifiers, and gain-switching circuitry on a single chip. The output of each channel is a voltage that is linearly
proportional to light intensity (irradiance) on the corresponding photodiode element. Gain is switchable via a
digital input pin from 1
× to 4× on the TCS3104, and from 2× to 4× on the TCS3103 (as compared to 1× of
TCS3104).
Each channel on the device consists of a photodiode with a red, green, or blue optical filter, a current-to-voltage
converter, and gain control elements. The voltage from each of the red, green, and blue channels is output on
the VOR, VOG, and VOB pins, respectively. The single MFP pin controls the gain for all three channels. Each of
the three photodiode channels is split into three elements, which are dispersed in a 3
× 3 array. This makes the
device less sensitive to non-uniform illumination across the sensing area. The overall photodiode active area
is 378
μm
× 378 μm. Each channel is factory-trimmed for low dark offset voltage and uniform sensitivity from
device-to-device.
The TCS3103 and TCS3104 are intended for use in a variety of applications including color-point feedback
control in solid-state illumination and backlight systems, color adjustment in printers, process controls,
diagnostic systems, paper and product handling, toys, and games.
Functional Block Diagram
VDD = 4.5 V to 5.5 V
VOR
Red
Channel
Current-to-Voltage
Converter
MFP
Green
Channel
Blue
Channel
VOG
VOB
Control
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
6 VOR
5 VOG
4 VOB
VDD 1
GND 2
MFP 3
PACKAGE FN
DUAL FLAT NO-LEAD
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com