Electronic Components Datasheet Search
  English  ▼

X  

AT89LP51RC2 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT89LP51RC2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RC2 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT89LP51RC2 Datasheet HTML 5Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 6Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 7Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 8Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 9Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 10Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 11Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 12Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 254 page
background image
9
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
2.2.2
Software Options
Table 2-2 lists some important software configuration bits that affect operation at the system
level. These can be changed by the application software but are set to their default values upon
any reset. Most peripherals also have multiple configuration bits that are not listed here.
Table 2-1.
User Configuration Fuses
Fuse Name
Description
Clock Source A
Selects between the High Speed Crystal Oscillator, Low Power
Crystal Oscillator, External Clock on XTAL1A or Internal RC Oscillator
for the source of the system clock when oscillator A is selected.
Clock Source B
Selects between the 32 kHz Crystal Oscillator, External Clock on
XTAL1B or Internal RC Oscillator for the source of the system clock
when oscillator B is selected (AT89LP51IC2 Only).
Oscillator Select
Selects whether oscillator A or B is enabled to boot the device.
(AT89LP51IC2 Only)
X2 Mode
Selects the default state of whether the clock source is divided by two
(X1) or not (X2) to generate the system clock.
Start-up Time
Selects time-out delay for the POR/BOD/PWD wake-up period.
Compatibility Mode
Configures the CPU in 12-clock compatibility or single-cycle fast
execution mode.
XRAM Configuration
Configures if access to on-chip memories that are mapped to the
external data memory address space is enabled/disabled by default.
Bootloader Jump Bit
Enables or disables the on-ship bootloader.
On-Chip Debug Enable
Enables or disables On-Chip Debug. OCD must be enabled prior to
using an in-circuit debugger with the device.
In-System Programming Enable
Enables or disables In-System Programming.
User Signature Programming Enable
Enables or disables programming of User Signature array.
Default Port State
Configures the default port state as input-only mode (tristated) or
quasi-bidirectional mode (weakly pulled high).
Low Power Mode
Enables or disables power reduction features for lower system
frequencies.
Table 2-2.
Important Software Configuration Bits
Bit(s)
SFR Location
Description
PxM0.y
PxM1.y
P0M0, P0M1, P1M0, P1M1,
P2M0, P2M1, P3M0, P3M1,
P4M0, P4M1
Configures the I/O mode of Port x Pin y to be one of input-only, quasi-
bidirectional, push-pull output or open-drain. The default state is
controlled by the Default Port State fuse above
CKRL
CKRL
Selects the division ratio between the oscillator and the system clock
TPS
3-0
CLKREG.7-4
Selects the division ratio between the system clock and the timers
ALES
AUXR.0
Enables/disables toggling of ALE
EXRAM
AUXR.1
Enables/disables access to on-chip memories that are mapped to the
external data memory address space
WS
1-0
AUXR.6-5
Selects the number of wait states when accessing external data
memory
XSTK
AUXR1.4
Configures the hardware stack to be in RAM or extra RAM
ENBOOT
AUXR1.5
Enables/disables access to the on-chip Flash API



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com