Electronic Components Datasheet Search
  English  ▼

X  

B772 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # B772
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

B772 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  B772 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics B772 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics B772 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics B772 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6605
Issued Date : 1993.05.15
Revised Date : 2002.05.08
Page No. : 1/4
HSB772
HSMC Product Specification
HSB772
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HSB772 is designed for using in output stage of 1w audio
amplifier, voltage regulator, DC-DC converter and relay driver.
Absolute Maximum Ratings (Ta=25
°C)
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature .................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) .................................................................................... 1.4 W
Total Power Dissipation (Tc=25
°C) ..................................................................................... 10 W
• Maximum Voltages and Currents
BVCBO Collector to Base Voltage...................................................................................... -40 V
BVCEO Collector to Emitter Voltage................................................................................... -30 V
BVEBO Emitter to Base Voltage........................................................................................... -5 V
IC Collector Current (DC) ..................................................................................................... -3 A
IC Collector Current (Pulse) ................................................................................................ -7 A
IB Base Current (DC) ....................................................................................................... -0.6 A
Electrical Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-40
-
-
V
IC=-100uA
BVCEO
-30
-
-
V
IC=-1mA
BVEBO
-5
-
-
V
IE=-10uA
ICBO
-
-
-1
uA
VCB=-30V
IEBO
-
-
-1
uA
VEB=-3V
*VCE(sat)
-
-0.3
-0.5
V
IC=-2A, IB=-0.2A
*VBE(sat)
-
-1
-2
V
IC=-2A, IB=-0.2A
*hFE1
30
-
-
IC=-20mA, VCE=-2V
*hFE2
100
200
400
IC=-1A, VCE=-2V
fT
-
80
-
MHz
IC=-0.1A, VCE=-5V
Cob
-
55
-
pF
VCB=-10V, f=1MHz, IE=0
*Pulse Test: Pulse Width
≤380us, Duty Cycle≤2%
Classification Of hFE2
Rank
Q
P
E
Range
100-200
160-320
200-400
TO-126ML


Similar Part No. - B772

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
B772 UTC-B772 Datasheet
46Kb / 2P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
logo
Samsung semiconductor
B772 SAMSUNG-B772 Datasheet
264Kb / 7P
PNP (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
logo
Fairchild Semiconductor
B772 FAIRCHILD-B772 Datasheet
76Kb / 5P
Audio Frequency Power Amplifier
logo
KEC(Korea Electronics)
B772 KEC-B772 Datasheet
297Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
logo
AUK corp
B772 AUK-B772 Datasheet
123Kb / 3P
PNP Silicon Transistor
More results

Similar Description - B772

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com