Electronic Components Datasheet Search
  English  ▼

X  

HSC3417 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HSC3417
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSC3417 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HSC3417 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HSC3417 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HSC3417 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6618-C
Issued Date : 1994.05.12
Revised Date : 2000.10.01
Page No. : 1/3
HSMC Product Specification
HSC3417
NPN EPITAXIAL PLANAR TRANSISTOR
Features
• High–Definition CRT Display Video Output Applications
• High Breakdown Voltage: BVCEO=300V
Absolute Maximum Ratings (Ta=25
°C)
• Maximum Temperatures
Storage Temperature ............................................................................................ -50 ~ +150
°C
Junction Temperature ................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ................................................................................... 1.2 W
Total Power Dissipation (Tc=25
°C) ...................................................................................... 7 W
• Maximum Voltages and Currents
BVCBO Collector to Base Voltage .................................................................................... 300 V
BVCEO Collector to Emitter Voltage................................................................................. 300 V
BVEBO Emitter to Base Voltage ........................................................................................... 5 V
IC Collector Current ....................................................................................................... 100 mA
Electrical Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
300
-
-
V
IC=100uA
BVCEO
300
-
-
V
IC=1mA
BVEBO
5
-
-
V
IE=10uA
ICBO
-
-
100
nA
VCB=200V
IEBO
-
-
100
nA
VEB=4V
*VCE(sat)
-
-
600
mV
IC=20mA, IB=2mA
*VBE(sat)
-
-
1
V
IC=20mA, IB=2mA
*hFE
40
-
320
IC=10mA, VCE=10V
fT
-
70
-
MHz
IC=10mA ,VCE=30V, f=100MHz
Cob
-
2.6
-
pF
VCB=30V, f=1MHz
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%
Classification Of hFE
Rank
C
D
E
F
Range
40-80
60-120
100-200
160-320


Similar Part No. - HSC3417

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
HSC300 TEC-HSC300 Datasheet
180Kb / 4P
Aluminium Housed Power Resistors
HSC300 TEC-HSC300 Datasheet
180Kb / 4P
Aluminium Housed Power Resistors
HSC300R10 TEC-HSC300R10 Datasheet
179Kb / 4P
Aluminium Housed Power Resistors
10/2011
logo
Guangdong Huixin Electr...
HSC30120K HUIXIN-HSC30120K Datasheet
432Kb / 4P
Silicon Carbide Schottky Diode
logo
Hi-Sincerity Mocroelect...
HSC3953 HSMC-HSC3953 Datasheet
33Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - HSC3417

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com