Electronic Components Datasheet Search
  English  ▼

X  

HSC3953 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HSC3953
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSC3953 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HSC3953 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HSC3953 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HSC3953 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6602
Issued Date : 1993.03.15
Revised Date : 2001.01.01
Page No. : 1/3
HSMC Product Specification
HSC3953
NPN EPITAXIAL PLANAR TRANSISTOR
Description
High–definition CRT display video output, wide-band amplifier.
Features
• High fT: 500MHz
• High Breakdown Voltage: BVCEO=120Vmin
• Small Reverse Transfer Capacitance & Excellent HF Response: Cre=1.7pF
Absolute Maximum Ratings (Ta=25
°C)
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature ................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C)................................................................................... 1.3 W
Total Power Dissipation (Tc=25
°C) ...................................................................................... 8 W
• Maximum Voltages and Currents
BVCBO Collector to Base Voltage .................................................................................... 120 V
BVCEO Collector to Emitter Voltage................................................................................. 120 V
BVEBO Emitter to Base Voltage ........................................................................................... 3 V
IC Collector Current ....................................................................................................... 200 mA
Icp Peak Collector Current............................................................................................. 400 mA
Electrical Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
120
-
-
V
IC=100uA, IE=0
BVCEO
120
-
-
V
IC=1mA, IB=0
BVEBO
3
-
-
V
IE=100uA, IC=0
ICBO
-
-
0.1
uA
VCB=120V, IE=0
IEBO
-
-
0.1
uA
VEB=2V
*VCE(sat)
-
-
1
V
IC=30mA, IB=3mA
*VBE(sat)
-
-
1
V
IC=30mA, IB=3mA
*hFE1
60
-
320
IC=10mA, VCE=10V
*hFE2
40
-
-
IC=100mA, VCE=10V
fT
-
400
-
MHz
IC=50mA , VCE=10V
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%
Classification Of hFE1
Rank
D
E
F
Range
60-120
100-200
160-320


Similar Part No. - HSC3953

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSC3953S HSMC-HSC3953S Datasheet
35Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - HSC3953

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com