Electronic Components Datasheet Search
  English  ▼

X  

SP490 Datasheet(PDF) 10 Page - Exar Corporation

Part # SP490
Description  Full Duplex RS-485 Transceivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP490 Datasheet(HTML) 10 Page - Exar Corporation

Back Button SP490 Datasheet HTML 3Page - Exar Corporation SP490 Datasheet HTML 4Page - Exar Corporation SP490 Datasheet HTML 5Page - Exar Corporation SP490 Datasheet HTML 6Page - Exar Corporation SP490 Datasheet HTML 7Page - Exar Corporation SP490 Datasheet HTML 8Page - Exar Corporation SP490 Datasheet HTML 9Page - Exar Corporation SP490 Datasheet HTML 10Page - Exar Corporation SP490 Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
0
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP490,49_0_0627
Model
Temperature Range
Package
SP490CN-L....................................................................................0˚C to +70˚C ............................................................................... 8-Pin NSOIC
SP490CN-L/TR ..............................................................................0˚C to +70˚C ............................................................................... 8-Pin NSOIC
SP490EN-L .................................................................................. -40˚C to +85˚C.............................................................................. 8-Pin NSOIC
SP490EN=L/TR............................................................................ -40˚C to +85˚C.............................................................................. 8-Pin NSOIC
SP49CN-L....................................................................................0˚C to +70˚C .............................................................................. 4-Pin NSOIC
SP49CN/TR-L ..............................................................................0˚C to +70˚C .............................................................................. 4-Pin NSOIC
SP49EN-L .................................................................................. -40˚C to +85˚C............................................................................. 4-Pin NSOIC
SP49EN-L/TR ............................................................................ -40˚C to +85˚C............................................................................. 4-Pin NSOIC
/TR = Tape and Reel
Pack quantity is 2500 for NSOIC.
ORDERINGINFORMATION
Notice
EXAR Corporation reserves the right to make changes to any products contained in this publication in order to improve design, performance or reliabil-
ity. EXAR Corporation assumes no representation that the circuits are free of patent infringement. Charts and schedules contained herein are only for
illustration purposes and may vary depending upon a user's specific application. While the information in this publication has been carefully checked;
no responsibility, however, is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can
reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for
use in such applications unless EXAR Corporation receives, in writting, assurances to its satisfaction that: (a) the risk of injury or damage has been
minimized ; (b) the user assumes all such risks; (c) potential liability of EXAR Corporation is adequately protected under the circumstances.
Copyright 20 EXAR Corporation
Datasheet May 20
Send your serial transceiver technical inquiry with technical details to: serialtechsupport@exar.com
Reproduction, in part or whole, without the prior written consent of EXAR Corporation is prohibited.
REVISION HISTORY
Date
Revision Description
02/24/05
-
Sipex Legacy Data Sheet
07/4/08
.0.0
Convert to Exar format.
June 20 .0.
Remove minimum entry to Driver Short Circuit Current. Change SP490
receiver propagation typical to 45ns. Remove SP49 receiver short
circuit current minimum entry. Change SP49 receiver propagation
delay MIN and TYP levels to 20 and 45ns respectively. Change SP49
receiver Enable and Disable time TYP and MAX levels to 45 and 70ns
respectively. Change SP49 Supply Current TYP to 900µA. Remove
SP49 driver rise/fall time minimum. Update ordering information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com