Electronic Components Datasheet Search
  English  ▼

X  

SP6201EM5 Datasheet(PDF) 13 Page - Exar Corporation

Part # SP6201EM5
Description  100mA/200mA Micropower CMOS LDO Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6201EM5 Datasheet(HTML) 13 Page - Exar Corporation

Back Button SP6201EM5 Datasheet HTML 9Page - Exar Corporation SP6201EM5 Datasheet HTML 10Page - Exar Corporation SP6201EM5 Datasheet HTML 11Page - Exar Corporation SP6201EM5 Datasheet HTML 12Page - Exar Corporation SP6201EM5 Datasheet HTML 13Page - Exar Corporation SP6201EM5 Datasheet HTML 14Page - Exar Corporation SP6201EM5 Datasheet HTML 15Page - Exar Corporation SP6201EM5 Datasheet HTML 16Page - Exar Corporation SP6201EM5 Datasheet HTML 17Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
S
SP
P6
62
20
00
0 /
/ S
SP
P6
62
20
01
1
1
10
00
0m
mA
A/
/2
20
00
0m
mA
A M
Miic
crro
op
po
ow
we
err C
CM
MO
OS
S L
LD
DO
O R
Re
eg
gu
ulla
atto
orrs
s
© 2012 Exar Corporation
13/17
Rev. 2.1.0
PROTECTION
Current limit behavior is very well controlled,
providing less than 10% variation in the
current
limit
threshold
over
the
entire
temperature range for both SP6200 and
SP6201. The SP6200 has a current limit of
140mA, while the SP6201 has a current limit
of 420mA. Thermal shutdown activates at
162°C and deactivates at 147°C. Thermal
shutdown is very repeatable with only a 2 to 3
degree variation from device to device.
Thermal shutdown changes by only 1 to 2
degrees with Vin change from 4V to 7V.
ENABLE (SHUTDOWN NOT) INPUT
The LDOs are turned off by pulling the EN pin
low and turned on by pulling it high. If it is not
necessary to shut down the LDO, the EN (pin
3) should be tied to IN (pin 1) to keep the
regulator output on at all time. The enable
threshold is 0.9V and does not change more
than 100mV over the entire temperature and
VIN voltage range. The lot to lot variations in
Enable Threshold are also within 100mV.
Shutdown current is guaranteed to be <1µA
without requiring the user to pull enable all
the way to 0V. Standard TTL or CMOS levels
will transition the device from totally on to
totally off.
RESET NOT (VOUT GOOD) OUTPUT
An accurate VOUT good indicator is provided on
all the fixed output version devices, pin 4
(RSN), Figure 1. This is an open drain, logic
output
that
can
be
used
to
hold
a
microprocessor or microcontroller in a RESET
condition when its power supplied by VOUT is
4% out of nominal regulation. A 1% hysteresis
is included in the Reset Not function, so that
false alarms are not issued as a result of LDO's
output noise. The Reset Not function reacts in
10 to 50μs.
ADJUSTABLE OUTPUT VERSION
The adjustable version can be programmed to
any voltage from 2.7V to 6V for the industrial
temperature range; 2.5V to 6V for the
commercial temperature range. The output
cannot be programmed below 2.5V due a
headroom restriction. Since the bandgap is
bootstrapped to the output, the output voltage
must be above the minimum bandgap supply
voltage. The bandgap requires 2.7V or greater
at -40°C and requires 2.5V or greater at 0°C.
The regulator's output can be adjusted to a
specific output voltage by using two external
resistors, see block diagram. The resistor's set
the output voltage based on the following
equation:
Resistor values are not critical because the
ADJ node has a high input impedance, but for
best results use resistors of 470kΩ or less. A
capacitor from ADJ to VOUT pin provides
improved noise performance as is shown in
the following plot.
Fig. 42: Noise Performance 10Hz to 100kHz
INPUT CAPACITOR
A small capacitor, 1μF or higher, is required
from VIN to GND to create a high frequency
bypass for the LDO amplifier. Any ceramic or
tantalum capacitor may be used at the input.
Capacitor ESR (effective series resistance)
should be smaller than 3Ω.
OUTPUT CAPACITOR
An output capacitor is required between VOUT
and GND to prevent oscillation; a capacitance
as
low
as
0.22μF
can
fulfill
stability
requirements in most applications. A 1μF
capacitor will ensure unconditional stability
from no load to full load over the entire input
voltage, output voltage and temperature
range. Larger capacitor values improve the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com