Electronic Components Datasheet Search
  English  ▼

X  

STL11N3LLH6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL11N3LLH6
Description  N-channel 30 V, 0.006 typ., 11 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT 3.3 x 3.3 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL11N3LLH6 Datasheet(HTML) 4 Page - STMicroelectronics

  STL11N3LLH6 Datasheet HTML 1Page - STMicroelectronics STL11N3LLH6 Datasheet HTML 2Page - STMicroelectronics STL11N3LLH6 Datasheet HTML 3Page - STMicroelectronics STL11N3LLH6 Datasheet HTML 4Page - STMicroelectronics STL11N3LLH6 Datasheet HTML 5Page - STMicroelectronics STL11N3LLH6 Datasheet HTML 6Page - STMicroelectronics STL11N3LLH6 Datasheet HTML 7Page - STMicroelectronics STL11N3LLH6 Datasheet HTML 8Page - STMicroelectronics STL11N3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STL11N3LLH6
4/14
DocID17755 Rev 2
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 250 µA, VGS = 0
30
V
IDSS
Zero gate voltage drain
current
VGS = 0, VDS = 30 V
1
µA
VGS = 0, VDS = 30 V,
TC=125 °C
10
µA
IGSS
Gate body leakage current
VGS = ±20 V, VDS=0
±
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
1
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID = 5.5 A
VGS = 4.5 V, ID = 5.5 A
0.006
0.0084
0.0075
0.0095
Ω
Ω
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 24 V, f=1 MHz,
VGS=0
-
1690
-
pF
Coss
Output capacitance
-
290
-
pF
Crss
Reverse transfer
capacitance
-176
-
pF
Qg
Total gate charge
VDD = 24 V, ID = 11 A
VGS = 4.5 V
(see Figure 14)
-17
-
nC
Qgs
Gate-source charge
-
8
-
nC
Qgd
Gate-drain charge
-
6
-
nC
RG
Gate input resistance
f=1 MHz Gate DC Bias = 0
Test signal level = 20 mV
open drain
-1.7
-
Ω
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD= 24 V, ID = 5.5 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 13)
-9.5
-
ns
tr
Rise time
-
30
-
ns
td(off)
Turn-off delay time
-
37
-
ns
tf
Fall time
-
12
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com