Electronic Components Datasheet Search
  English  ▼

X  

HSD879 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HSD879
Description  SILICON NPN EPITAXIAL TYPE TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSD879 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HSD879 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HSD879 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HSD879 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HA200207
Issued Date : 1996.07.15
Revised Date : 2002.02.25
Page No. : 1/3
HSD879
HSMC Product Specification
HSD879
SILICON NPN EPITAXIAL TYPE TRANSISTOR
Description
For 1.5V and 3v electronic flash use.
Features
• Charger-up time is about 1 ms faster than of a germanium transistor
• Small saturation voltage can bring less power dissipation and flashing times
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature .................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ................................................................................ 750 mW
• Maximum Voltages and Currents (Ta=25°C)
BVCBO Collector to Base Voltage....................................................................................... 30 V
BVCEX Collector to Emitter Voltage .................................................................................... 20 V
BVCEO Collector to Emitter Voltage.................................................................................... 10 V
BVEBO Emitter to Base Voltage............................................................................................ 6 V
IC Collector Current............................................................................................................... 3 A
IC Collector Current (Pluse) .................................................................................................. 5 A
Electrical Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Condition
BVCEO
10
-
-
V
IC=1mA
BVEBO
6
-
-
V
IE=10uA
BVCBO
30
-
-
V
IC=10uA
BVCEX
20
-
-
V
IC=1mA, VBE=3V
ICBO
-
-
100
nA
VCB=20V
IEBO
-
-
100
nA
VBE=4V
*hFE
140
210
400
VCE=2V, IC=3A
*VCE(sat)
-
0.3
0.4
V
IC=3A, IB=60mA
fT
-
200
-
MHZ
VCE=10V, IC=50mA
Cob
-
30
-
pF
VCB=10V, f=1MHZ
*Pulse Test: Pulse Width
≤380us, Duty Cycle≤2%
TO-92


Similar Part No. - HSD879

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSD879D HSMC-HSD879D Datasheet
32Kb / 3P
SILICON NPN EPITAXIAL TYPE TRANSISTOR
More results

Similar Description - HSD879

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HM879 HSMC-HM879 Datasheet
27Kb / 3P
SILICON NPN EPITAXIAL TYPE TRANSISTOR
HSD879D HSMC-HSD879D Datasheet
32Kb / 3P
SILICON NPN EPITAXIAL TYPE TRANSISTOR
logo
Toshiba Semiconductor
MT3S04AU TOSHIBA-MT3S04AU Datasheet
111Kb / 2P
TRANSISTOR SILICON NPN EPITAXIAL TYPE
2SC5976 TOSHIBA-2SC5976 Datasheet
175Kb / 5P
Transistor Silicon NPN Epitaxial Type
2SC6139 TOSHIBA-2SC6139 Datasheet
191Kb / 5P
Transistor Silicon NPN Epitaxial Type
2SC6140 TOSHIBA-2SC6140 Datasheet
173Kb / 5P
Transistor Silicon NPN Epitaxial Type
TPC6501 TOSHIBA-TPC6501_06 Datasheet
148Kb / 5P
Transistor Silicon NPN Epitaxial Type
TPC6502 TOSHIBA-TPC6502 Datasheet
187Kb / 5P
Transistor Silicon NPN Epitaxial Type
TPC6503 TOSHIBA-TPC6503 Datasheet
197Kb / 5P
Transistor Silicon NPN Epitaxial Type
TPCP8510 TOSHIBA-TPCP8510 Datasheet
218Kb / 5P
Transistor Silicon NPN Epitaxial Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com