Electronic Components Datasheet Search
  English  ▼

X  

HSD880 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HSD880
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSD880 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HSD880 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HSD880 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HSD880 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6729-B
Issued Date : 1992.11.25
Revised Date : 1999.08.01
Page No. : 1/3
HSMC Product Specification
HSD880
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HSD880 is designed for low frequency power amplifier
applications.
Features
• High DC Current Gain
• High Power Dissipation: PC=30W at TC=25°C
Absolute Maximum Ratings (Ta=25
°C)
• Maximum Temperatures
Storage Temperature ............................................................................................ -50 ~ +150
°C
Junction Temperature ................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Tc=25
°C) .................................................................................... 30 W
Total Power Dissipation (Ta=25
°C) ................................................................................... 1.5 W
• Maximum Voltages and Currents
BVCBO Collector to Base Voltage ...................................................................................... 60 V
BVCEO Collector to Emitter Voltage................................................................................... 60 V
BVEBO Emitter to Base Voltage ........................................................................................... 7 V
IC Collector Current .............................................................................................................. 3 A
IB Base Current ................................................................................................................. 0.5 A
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
60
-
-
V
IC=1mA, IE=0
BVCEO
60
-
-
V
IC=50mA, IB=0
ICBO
-
-
100
uA
VCB=60V, IE=0
IEBO
-
-
100
uA
VEB=7V, IC=0
*VCE(sat)
-
-
1
V
IC=3A, IB=0.3A
*VBE(on)
-
-
1
V
IC=0.5A, VCE=5V
*hFE
60
-
300
IC=0.5A, VCE=5V
fT
-
3
-
MHz
IC=500mA, VCE=5V
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%
Classification Of hFE
Rank
O
Y
GR
Range
60-120
100-200
150-300


Similar Part No. - HSD880

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSD88 RENESAS-HSD88 Datasheet
143Kb / 5P
Silicon Schottky Barrier Diode for Detector, Mixer
logo
Hi-Sincerity Mocroelect...
HSD882 HSMC-HSD882 Datasheet
40Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
HSD882S HSMC-HSD882S Datasheet
42Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
HSD882S HSMC-HSD882S_06 Datasheet
59Kb / 5P
The HSD882S is suited for the output stage of 0.75W audio, voltage regulator, and relay driver.
More results

Similar Description - HSD880

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com