Electronic Components Datasheet Search
  English  ▼

X  

RD82F Datasheet(PDF) 5 Page - NEC

Part # RD82F
Description  ZENER DIODES 1 W DO-41 GLASS SEALED PACKAGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD82F Datasheet(HTML) 5 Page - NEC

  RD82F Datasheet HTML 1Page - NEC RD82F Datasheet HTML 2Page - NEC RD82F Datasheet HTML 3Page - NEC RD82F Datasheet HTML 4Page - NEC RD82F Datasheet HTML 5Page - NEC RD82F Datasheet HTML 6Page - NEC RD82F Datasheet HTML 7Page - NEC RD82F Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet D13936EJ3V0DS00
5
RD2.0F to RD82F
Fig. 7 ZZ-IZ CHARACTERISTIC
Fig. 8 Rth-S CHARACTERISTIC
Zener Current IZ (mA)
TA = 25
°C
TYP.
RD6.8F
RD2.0F
RD10F
RD39F RD82F
RD4.3F
RD5.6F
RD7.5F
RD15F
RD6.2F
RD20F
RD5.1F
RD6.8F
RD6.2F
RD7.5F RD10F
1 000
100
10
1
0.1
10
100
1
RD15F
Fig. 9 PRSM RATING
Fig. 11 POWER DISSIPATION NOMOGRAM
Time t (s)
PRSM
TA = 25
°C
Non-
Repetitive
10 000
1 000
100
10
1
t
10
µ
100
µ
1 m
10 m
100 m
1
Fig. 10 Zth CHARACTERISTIC
150
°C/W
Time t (s)
1 000
100
10
1
0.1
100 m
10 m
1 m
1
10
100
Size of PC Board S (mm
2)
0
240
200
160
120
80
40
20
40
60
80
100
Junction to ambient
(Thickness = 0.035 mm)
= 5 mm
10 mm
20 mm
S
Heat
−Sink
Heat
−Sink
(incn)
Lead Length
(mm)
Heat-Sink
Temperature
TH (
°C)
Power Dissipation
P (W)
(mm)
30
1.0
5/8
3/8
2/8
1/8
25
20
15
1.5
1.0
0.9
0.8
0.7
0.6
0.5
0.4
25
35
45
10
9
8
7
6
5
4
3
55
65
75
85
95
105
115
125
135
145



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com