Electronic Components Datasheet Search
  English  ▼

X  

MBRF600150 Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # MBRF600150
Description  Silicon Power Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MBRF600150 Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  MBRF600150 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MBRF600150 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MBRF600150 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 150 V - 200 V
IF(AV) = 600 A
Features
• High Surge Capability
TO-244AB Package
• Not ESD Sensitive
Parameter
Symbol
MBRF600150(R)
Unit
Repetitive peak reverse
voltage
VRRM
150
V
RMS reverse voltage
VRMS
106
V
• Types from 150 V to 200 V VRRM
MBRF600150 thru MBRF600200R
200
141
MBRF600200(R)
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
Silicon Power
Schottky Diode
Conditions
DC blocking voltage
VDC
150
V
Operating temperature
Tj
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
°C
Parameter
Symbol
MBRF600150(R)
Unit
Average forward current
(per pkg)
IF(AV)
600
A
Maximum forward voltage
(per leg)
0.88
1
10
50
Thermal characteristics
Thermal resistance,
junction-case (per leg)
R
ΘJC
0.28
°C/W
TC = 125 °C
600
Peak forward surge
current (per leg)
IFSM
tp = 8.3 ms, half sine
4000
4000
VF
V
A
Tj = 100 °C
10
mA
Tj = 25 °C
IFM = 300 A, Tj = 25 °C
Conditions
-55 to 150
50
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Reverse current at rated
DC blocking voltage (per
leg)
IR
1
MBRF600200(R)
0.28
Tj = 150 °C
0.92
-55 to 150
200
www.genesicsemi.com/silicon-products/schottky-rectifiers/
1


Similar Part No. - MBRF600150

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MBRF600100R GENESIC-MBRF600100R Datasheet
468Kb / 3P
High Surge Capability
More results

Similar Description - MBRF600150

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
FST6340M GENESIC-FST6340M Datasheet
553Kb / 3P
Silicon Power Schottky Diode
FST7345M GENESIC-FST7345M Datasheet
490Kb / 3P
Silicon Power Schottky Diode
FST8320SM GENESIC-FST8320SM Datasheet
679Kb / 3P
Silicon Power Schottky Diode
FST10045 GENESIC-FST10045 Datasheet
370Kb / 3P
Silicon Power Schottky Diode
FST120150 GENESIC-FST120150 Datasheet
362Kb / 3P
Silicon Power Schottky Diode
FST160150 GENESIC-FST160150 Datasheet
363Kb / 3P
Silicon Power Schottky Diode
MBR120150CT GENESIC-MBR120150CT Datasheet
508Kb / 3P
Silicon Power Schottky Diode
MBRF30045 GENESIC-MBRF30045 Datasheet
467Kb / 3P
Silicon Power Schottky Diode
MBRF40020 GENESIC-MBRF40020 Datasheet
467Kb / 3P
Silicon Power Schottky Diode
SD41 GENESIC-SD41 Datasheet
718Kb / 3P
Silicon Power Schottky Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com