Electronic Components Datasheet Search
  English  ▼

X  

TMBAT49FILM Datasheet(PDF) 4 Page - STMicroelectronics

Part # TMBAT49FILM
Description  Small signal Schottky diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TMBAT49FILM Datasheet(HTML) 4 Page - STMicroelectronics

  TMBAT49FILM Datasheet HTML 1Page - STMicroelectronics TMBAT49FILM Datasheet HTML 2Page - STMicroelectronics TMBAT49FILM Datasheet HTML 3Page - STMicroelectronics TMBAT49FILM Datasheet HTML 4Page - STMicroelectronics TMBAT49FILM Datasheet HTML 5Page - STMicroelectronics TMBAT49FILM Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Package information
TMBAT49
4/6
Doc ID 3484 Rev 2
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 7.
Footprint (dimensions in mm)
Table 5.
MELF package dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.80
5.20
0.189
0.205
ø B
2.50
2.65
0.098
0.104
C
0.45
0.60
0.018
0.024
ø D
2.50
0.098
ØB
A
C
C
ØD
4
6.5
3



Html Pages

1 2 3 4 5 6