Electronic Components Datasheet Search
  English  ▼

X  

HSMA5817 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HSMA5817
Description  1.0AMP.SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSMA5817 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HSMA5817 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HSMA5817 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HSMA5817 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : Preliminary Data
Issued Date : 2000.01.15
Revised Date : 2001.05.01
Page No. : 1/3
HSMA5817, HSMA5818, HSMA5819
HSMC Product Specification
HSMA5817 thru HSMA5819
1.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Features
• Low Forward Voltage Drop
• High Current Capability
• High Reliability
• High Surge Current Capability
Mechanical Data
Cases: SMA Molded Plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed: 250
°C/10 seconds/.375"(9.5mm) lead lengths at 5 lbs.,
(2.3kg) tension, Weight:0.33gram
Maximum Ratings and Electrical Characteristics
Rating at 25
°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,
resistive or inductive load. For capacitive load, derate current by 20%.
Type Number
HSMA5817 HSMA5818 HSMA5819 Units
Maximum Recurrent Peak Reverse Voltage
20
30
40
V
Maximum RMS Voltage
14
21
28
V
Maximum DC Blocking voltage
20
30
40
V
Maximum Average Forward Rectified Current
See Fig.1
1.0
A
Peak Forward Surge Current, 8.3ms Single
Half Sine-wave Superimposed on Rated
Load(JEDEC method)
40
A
Maximum Instantaneous Forward Voltage
@1.0A
0.45
0.55
0.60
V
0.5(@TA=25
°C)
mA
Maximum D.C. Reverse Current (Note 1) at
Rated DC Blocking Voltage
10(@TA=100
°C)
5.0(@TA=100
°C)
mA
Typical Thermal Resistance (Note 2) R
θJA
88
°C/W
Operating Junction Temperature Range TJ
-65 to +125
-65 to +150
°C
Storage Temperature Range TSTG
-65 to +150
°C
Notes: 1.Pulse Test with PW=300 usec, 1% Duty Cycle
2. Measured on P.C. Board with 0.2x0.2”(5.0x5.0mm) Copper Pad Areas.


Similar Part No. - HSMA5817

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMA-A100-Q00H1 BOARDCOM-HSMA-A100-Q00H1 Datasheet
788Kb / 17P
PLCC-2, Surface Mount LED Indicator
HSMA-A100-Q00H1 BOARDCOM-HSMA-A100-Q00H1 Datasheet
768Kb / 17P
PLCC-2, Surface Mount LED Indicator
logo
Agilent(Hewlett-Packard...
HSMA-A100-Q00J1 HP-HSMA-A100-Q00J1 Datasheet
67Kb / 2P
PLCC-2 SMT LED
HSMA-A100-Q00J1 HP-HSMA-A100-Q00J1 Datasheet
116Kb / 13P
Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-A100-Q00J1 AVAGO-HSMA-A100-Q00J1 Datasheet
330Kb / 13P
Surface Mount LED Indicator
More results

Similar Description - HSMA5817

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
FR1A LUGUANG-FR1A Datasheet
182Kb / 2P
1.0AMP.Surface Mount Fast Recovery Rectifiers
S1A LUGUANG-S1A Datasheet
176Kb / 2P
1.0AMP.Surface Mount Rectifiers
RS1A LUGUANG-RS1A Datasheet
178Kb / 2P
1.0AMP.Surface Mount Fast Recovery Rectifiers
logo
Kingtronics Internation...
SS12-SS110 KINGTRONICS-SS12-SS110 Datasheet
347Kb / 2P
1.0AMP.SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Semiconducto...
LM5817 CHENDA-LM5817 Datasheet
710Kb / 2P
SCHOTTKY MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com