Electronic Components Datasheet Search
  English  ▼

X  

LP-CC-5 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # LP-CC-5
Description  Time-Delay Fuses Class CC 600 Volt, 횣 to 30 Amps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

LP-CC-5 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  LP-CC-5 Datasheet HTML 1Page - Cooper Bussmann, Inc. LP-CC-5 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LOW-PEAK
®
LP-CC
Time-Delay Fuses
Class CC – 600 Volt, ⁄Ω™ to 30 Amps
Form No. LP-CC
Page 1 of 2
Data Sheet: 1023
Bussmann®
10-2-02
SB02295
Current-Limiting Effects
Prospective Short- *Let-Through Current (Apparent RMS Symmetrical)
Circuit Current
1⁄Ω¢A
2°Ω¡ºA
15A
20A
25A
30A
1,000
100
135
240
305
380
435
3,000
140
210
350
440
575
580
5,000
165
255
420
570
690
710
10,000
210
340
540
700
870
1,000
20,000
260
435
680
870
1,090
1,305
30,000
290
525
800
1,030
1,300
1,520
40,000
315
610
870
1,150
1,390
1,700
50,000
340
650
915
1,215
1,520
1,820
60,000
350
735
1,050
1,300
1,650
1,980
80,000
390
785
1,130
1,500
1,780
2,180
100,000
420
830
1,210
1,600
2,000
2,400
200,000
525
1,100
1,600
2,000
2,520
3,050
*RMS Symmetrical Amperes Short-Circuit
NOTE: To calculate Ip (Ipeak) multiply IRMS value ≈ 2.3.
1.5" (
±0.031)
(38.1mm)
.41" (
±0.005)
(10.3mm)
Catalog Symbol: LP-CC
Time-Delay, Current-Limiting
Ampere Rating: ⁄Ω™ to 30A
AC Voltage Rating: 600V (or less)
Interrupting Rating: 200,000A RMS Sym.
Agency Information:
UL Listed, Std. 248-4, Class CC, Guide JDDZ, File E4273
CSA Certified, C22.2 No. 248.4, Class 1422-02, File 53787
DC Voltage Rating: 300Vdc (or less)
⁄Ω™-2 °/⁄‚A and 20-30A, 20,000 AIR, UL 198L
150Vdc or less 3-15A, 20,000 AIR, UL 198L
Catalog Numbers
LP-CC-⁄Ω™
LP-CC-1⁄Ω™
LP-CC-3
LP-CC-6
LP-CC-12
LP-CC-flꭧ
LP-CC-1flꭧ
LP-CC-3¤Ω¡º
LP-CC-6⁄Ω¢
LP-CC-15
LP-CC-°Ω¡º
LP-CC-1°Ω¡º
LP-CC-3⁄Ω™
LP-CC-7
LP-CC-20
LP-CC-1
LP-CC-2
LP-CC-4
LP-CC-7⁄Ω™
LP-CC-25
LP-CC-1⁄Ω•
LP-CC-2⁄Ω¢
LP-CC-4⁄Ω™
LP-CC-8
LP-CC-30
LP-CC-1⁄Ω¢
LP-CC-2⁄Ω™
LP-CC-5
LP-CC-9
—
LP-CC-1›Ω¡º
LP-CC-2°Ω¡º
LP-CC-5flꭧ
LP-CC-10
—
Dimensional Data
Carton Quantity and Weight
Ampere
Carton
Weight*
Ratings
Qty.
Lbs.
Kg.
0-30
10
.193
.088
*Weight per carton.
General Information:
LP-CC LOW-PEAK Yellow™ Fuse
• A superior all-purpose, space-saving branch circuit fuse
that meets most protection requirements up to 30A.
• Very compact; physical size is only ⁄‹Ω£™∑ ≈ 1⁄Ω™∑ (10.3mm ≈
38.1mm) with rejection tip.
• The unique yellow color makes it easy to tell that the correct
fuse type is installed.
• Faster response to damaging short-circuit currents and
higher interrupting rating than mechanical overcurrent
protective devices.
200,000A Interrupting Rating
• Maximum interrupting rating for available fault current in
today's large capacity systems.
• Helps ensure that future growth will not obsolete the system.
Dual Characteristics
• Time-delay to avoid unwanted fuse openings from surge
currents.
• Fast speed of response under short-circuit conditions for a
high degree of current-limitation.
• ADVANTAGE: The LOW-PEAK® fuse can be sized close
to full load ratings for maximum overload and short-circuit
protection.
• ADVANTAGE: Can be used where either a time-delay or
a fast-acting fuse is needed, making selection easier and
reducing spare fuse inventories for substantial cost reduction.
Superior Motor Protection
• For protection of small horsepower motor circuits.
• Proper sizing can provide Type “2” coordinated protection
for NEMA and IEC motor controllers.
• Motors receive maximum protection against burnout from
overloads and single phasing.
CE logo denotes compliance with European Union Low Voltage Directive
(50-1000Vac, 75-1500Vdc). Refer to Data Sheet: 8002 or contact
Bussmann Application Engineering at 314-527-1270 for more information.
Recommended fuseblocks/fuseholders for
Class CC 600V fuses
See Data Sheets listed below
• Open fuseblocks - 1105
• Finger-safe fuseholders - 1109, 1102, 1103, 1151
• Panel-mount fuseholders - 2114, 2113
• In-line fuseholders - 2126


Similar Part No. - LP-CC-5

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LP-CC-5 COOPER-LP-CC-5 Datasheet
639Kb / 4P
Low-Peak??LP-CC Class CC 600Vac/300Vdc, 1??-30A time-delay fuses
logo
Eaton All Rights Reserv...
LP-CC-5 EATON-LP-CC-5 Datasheet
775Kb / 4P
Low-Peak??LP-CC Class CC 600 Vac/300 Vdc, 1/2-30 A time-delay fuses
logo
Cooper Bussmann, Inc.
LP-CC-5-6/10 COOPER-LP-CC-5-6/10 Datasheet
639Kb / 4P
Low-Peak??LP-CC Class CC 600Vac/300Vdc, 1??-30A time-delay fuses
logo
Eaton All Rights Reserv...
LP-CC-5-6/10 EATON-LP-CC-5-6/10 Datasheet
775Kb / 4P
Low-Peak??LP-CC Class CC 600 Vac/300 Vdc, 1/2-30 A time-delay fuses
More results

Similar Description - LP-CC-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KTK-R ETC1-KTK-R Datasheet
40Kb / 1P
Fast-Acting Fuses 13/32??x 1-1/2?? Class CC - 600 Volt, 1/10 - 30 Amps
logo
Cooper Bussmann, Inc.
FNQ-R-2-1-2 COOPER-FNQ-R-2-1-2 Datasheet
76Kb / 2P
CC-TRON Time-Delay Fuses
FRN-R-30 COOPER-FRN-R-30 Datasheet
332Kb / 2P
Dual-Element, Time-Delay Fuses Class RK5 - 250 Volt
J60200-3CR COOPER-J60200-3CR Datasheet
160Kb / 2P
Class J Fuseblocks 600 Volt, 횣-600 Amps
J60060-2C COOPER-J60060-2C Datasheet
160Kb / 2P
Class J Fuseblocks 600 Volt, 횣 600 Amps
FRS-R-50 COOPER-FRS-R-50 Datasheet
74Kb / 2P
Dual-Element, Time-Delay Fuses Class RK5 600 Volt
J60100-3CR COOPER-J60100-3CR Datasheet
160Kb / 2P
Class J Fuseblocks 600 Volt, 횣-600 Amps
logo
List of Unclassifed Man...
FNQ-R-1-4 ETC2-FNQ-R-1-4 Datasheet
749Kb / 6P
FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
Eaton All Rights Reserv...
LP-CC EATON-LP-CC Datasheet
775Kb / 4P
Low-Peak??LP-CC Class CC 600 Vac/300 Vdc, 1/2-30 A time-delay fuses
S-1-4 EATON-S-1-4 Datasheet
126Kb / 2P
Rejection base plug fuses ??dual-element, time-delay 125 volt, up to 30 amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com