Electronic Components Datasheet Search
  English  ▼

X  

NPT15 Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # NPT15
Description  Press Fit Triac, 15 Amps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

NPT15 Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  NPT15 Datasheet HTML 1Page - Naina Semiconductor ltd. NPT15 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor Ltd.
NPT15
1
D-95, Sector 63, Noida – 201301, India
•
Tel: 0120-4205450
•
Fax: 0120-4273653
sales@nainasemi.com
•
www.nainasemi.com
Press Fit Triac ½”, 15 Amps
Features
•
Improved glass passivation for high reliability
•
Exceptional stability at high temperatures
•
Metric thread type available
•
Low thermal resistance
Notes:
(1) All values apply in either direction
Electrical Characteristics (TA = 25
0C unless otherwise specified)
Parameter
Symbol
Part Numbers
Units
Maximum repetitive peak reverse voltage (1), VRRM
200
NPT152
V
400
NPT154
600
NPT156
RMS on-state current
IT(RMS)
15
A
Non-repetitive peak surge on-state current, one cycle
ITSM
150
A
Peak gate trigger current
IGTM
4
A
Peak gate power dissipation @ IGT ≤ IGTM
PGM
40
W
Average gate power dissipation
PG(AV)
0.8
W
Peak off-state current (1)
IDRM & IRRM
1.0
mA
Maximum instantaneous forward voltage drop (1)
VTM
2.2
V
DC holding current (1)
IH
60
mA
Critical rate-of-rise of off-state voltage (1)
Critical dv/dt
100
V/µsec
Critical rate-of-rise of commutation voltage (1)
Commutating dv/dt
3
V/µsec
DC gate trigger current
(T2+ Gate +, T2 - Gate -)
Quads I and III
IGT
100
mA
(T2+ Gate - , T2 - Gate +)
Quads II and IV
150
DC gate trigger voltage
VGT
2.5
V
Gate controlled turn-on time
Tgt
3
µsec
Thermal and Mechanical Specifications (TA = 25
oC, unless otherwise noted)
Parameters
Symbol
Values
Units
Maximum operating junction temperature range
TJ
- 40 to +110
oC
Maximum storage temperature range
Tstg
- 40 to +150
oC
Maximum thermal resistance, junction to case
Rθ(J-C)
1.8
oC/W
Approximate weight
W
15
g
TO-203/F


Similar Part No. - NPT15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT1004 MA-COM-NPT1004 Datasheet
541Kb / 6P
Gallium Nitride 28V, 45W RF Power Transistor
logo
List of Unclassifed Man...
NPT1004 ETC2-NPT1004 Datasheet
541Kb / 6P
Low cost, surface mount SOIC package
logo
M/A-COM Technology Solu...
NPT1004 MA-COM-NPT1004_15 Datasheet
541Kb / 6P
45W RF Power Transistor
NPT1007 MA-COM-NPT1007 Datasheet
1,018Kb / 7P
Gallium Nitride 28V, 200W RF Power Transistor
logo
List of Unclassifed Man...
NPT1007 ETC2-NPT1007 Datasheet
1,018Kb / 7P
Gallium Nitride 28V, 200W RF Power Transistor
More results

Similar Description - NPT15

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
NPIT15 NAINA-NPIT15 Datasheet
177Kb / 2P
Press Fit Isolated Stud Mount Triac, 15 Amps
NPIT25 NAINA-NPIT25 Datasheet
177Kb / 2P
Press Fit Isolated Stud Mount Triac, 25 Amps
NPIT40 NAINA-NPIT40 Datasheet
180Kb / 2P
Press Fit Isolated Stud Mount Triac, 40 Amps
NPT25 NAINA-NPT25 Datasheet
159Kb / 2P
Press Fit Triac, 25 Amps
NPT30 NAINA-NPT30 Datasheet
158Kb / 2P
Press Fit Triac, 30 Amps
NPT40 NAINA-NPT40 Datasheet
155Kb / 2P
Press Fit Triac, 40 Amps
NPTS15 NAINA-NPTS15 Datasheet
159Kb / 2P
Press Fit Stud Mount Triac, 15 Amps
NPTS25 NAINA-NPTS25 Datasheet
164Kb / 2P
Press Fit Stud Mount Triac, 25 Amps
NPTS30 NAINA-NPTS30 Datasheet
155Kb / 2P
Press Fit Stud Mount Triac, 30 Amps
NPTS40 NAINA-NPTS40 Datasheet
155Kb / 2P
Press Fit Stud Mount Triac, 40 Amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com