Electronic Components Datasheet Search
  English  ▼

X  

BFS505_2015 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFS505_2015
Description  NPN 9 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFS505_2015 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BFS505_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS505_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS505_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS505_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS505_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS505_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS505_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS505_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS505_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
September 1995
2
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistor
BFS505
FEATURES
• Low current consumption
• High power gain
• Low noise figure
• High transition frequency
• Gold metallization ensures
excellent reliability
• SOT323 envelope.
DESCRIPTION
NPN transistor in a plastic SOT323
envelope.
It is intended for low power amplifiers,
oscillators and mixers particularly in
RF portable communication
equipment (cellular phones, cordless
phones, pagers) up to 2 GHz.
PINNING
PIN
DESCRIPTION
Code: N0
1
base
2
emitter
3
collector
Fig.1 SOT323.
handbook, 2 columns
3
12
MBC870
Top view
QUICK REFERENCE DATA
Note
1. Ts is the temperature at the soldering point of the collector tab.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−
20
V
VCES
collector-emitter voltage
RBE =0
−−
15
V
IC
DC collector current
−−
18
mA
Ptot
total power dissipation
up to Ts = 147 °C; note 1
−−
150
mW
hFE
DC current gain
IC = 5 mA; VCE = 6 V; Tj =25 °C
60
120
250
fT
transition frequency
IC = 5 mA; VCE = 6 V; f = 1 GHz;
Tamb =25 °C
−
9
−
GHz
GUM
maximum unilateral power gain
Ic = 5 mA; VCE = 6 V; f = 900 MHz;
Tamb =25 °C
−
17
−
dB
F
noise figure
Ic = 1.25 mA; VCE =6 V;
f = 900 MHz; Tamb =25 °C
−
1.2
1.7
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com