Electronic Components Datasheet Search
  English  ▼

X  

GDC21D301A Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # GDC21D301A
Description  Transport Decoder
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GDC21D301A Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button GDC21D301A Datasheet HTML 6Page - Hynix Semiconductor GDC21D301A Datasheet HTML 7Page - Hynix Semiconductor GDC21D301A Datasheet HTML 8Page - Hynix Semiconductor GDC21D301A Datasheet HTML 9Page - Hynix Semiconductor GDC21D301A Datasheet HTML 10Page - Hynix Semiconductor GDC21D301A Datasheet HTML 11Page - Hynix Semiconductor GDC21D301A Datasheet HTML 12Page - Hynix Semiconductor GDC21D301A Datasheet HTML 13Page - Hynix Semiconductor GDC21D301A Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
11
GDC21D301A
Pin Description (continued)
NAME
PIN
TYPE
DESCRIPTION
AUXILIARY DATA DECODER INTERFACE
\DATA_WAIT
91
I
Auxiliary Data Wait (active low).
This signal indicates that the access of registers in the auxiliary
decoder is ready.
\DATA_REQ
92
I
Auxiliary Data Request (active low).
This signal is asserted when an auxiliary device requests data
from the GDC21D301A.
\DATA_STRB
108
O
Auxiliary Data Strobe (active low).
This signal qualifies data contained in VAD_DATA[7:0]. This
auxiliary decoder should latch the auxiliary data on the rising
edge of DATA_STRB.
\DATA_DCS
107
O
Auxiliary Select (active low).
This signal activates data transfers between the auxiliary
decoder and the host processor. Host processor can access the
registers of the auxiliary decoder.
BOF_D
97
I
Begin of Frame2.
On the rising edge of this signal, STC, the counted PCR value,
is copied to STC3_reg.
SCAN TEST
SCAN_MODE
44
I
Scan Test Mode Enable Input.
It has to be connected to VSS level.
SCAN_TEST
45
I
Scan Test Mode Enable Input.
It has to be connected to VSS level.
SCAN_IN1
46
I
Scan-path Input on Scan Test Mode.
It has to be connected to VSS level.
SCAN_OUT1
111
O
Scan-path Output on Scan Test Mode
POWER AND GROUND
VDD
7, 10, 33, 48,
58,68,70,82,
100,113,121,
124
PWR
3.3 V Power Supply
VSS
4,15,24,35,
53,63,72,77,
87,102,106,
118,130
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com