Electronic Components Datasheet Search
  English  ▼

X  

GL3276A Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # GL3276A
Description  Less changes of malfunction associated with a high-frequency lighting fluorscent lamp internal trap circuit.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL3276A Datasheet(HTML) 1 Page - Hynix Semiconductor

  GL3276A Datasheet HTML 1Page - Hynix Semiconductor GL3276A Datasheet HTML 2Page - Hynix Semiconductor GL3276A Datasheet HTML 3Page - Hynix Semiconductor GL3276A Datasheet HTML 4Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GL3276A
1
GL3276A
Description
The GL3276A is a bipolar analog ICs specifically
developed for use in infrared remote control system
receiving preamplifiers. Capable of accepting a
photodiode directly, these ICs house a high gain
initial amplifier, a limiter, a band-pass filter, a
detection circuit and a waveform shaping circuit
assembled on a single chip.
Features
• Less changes of malfunction associated with
a high-frequency lighting fluorscent lamp
internal trap circuit.
• The central frequency can be varied with an
external resistance:
fo=30 to 80KHz
fo rimming reduce central frequency variance.
• Few external parts.
Internal pull-up resistance and power filter
resistance.
Lower-capacitance external capacitor
• Open collector output
Open collector output with a pull-up resistance.
Pin configuration
Block Diagram
GL3276A
(SOP)
IN+
8
IN-
7
CD
6
GND
5
fo
4
VCC2
3
Out
2
VCC1
1
Detector
ABLC
4
3
1
2
20
7
5
20
BPF
+
TRAP
Limiter
Initial
Stage
amplifier
f0
VCC2
RS
RL
VCC1
CD
GND
IN-
IN+
C2
C1
R1
OUT
OUTPUT


Similar Part No. - GL3276A

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
GL3274 LG-GL3274 Datasheet
305Kb / 8P
Preamplifier for Remote Control Use
logo
Hynix Semiconductor
GL3277 HYNIX-GL3277 Datasheet
31Kb / 3P
PREAMPLIFIER FOR REMOTE CONTROL USE
More results

Similar Description - GL3276A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4906 NSC-LM4906 Datasheet
468Kb / 15P
1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
logo
Leshan Radio Company
LR4558 LRC-LR4558_12 Datasheet
255Kb / 7P
Internal Frequency Compensation High Input Resistance with 5MTypical
logo
Texas Instruments
LM4906 TI1-LM4906_14 Datasheet
1Mb / 21P
1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
logo
STMicroelectronics
AN2811 STMICROELECTRONICS-AN2811 Datasheet
1Mb / 25P
High brightness LEDs are becoming a prominent source of lighting
16-Jun-2009
logo
Texas Instruments
LM4906 TI1-LM4906 Datasheet
1Mb / 22P
1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
logo
Abracon Corporation
PAS-BC3WK ABRACON-PAS-BC3WK Datasheet
1Mb / 3P
The majority of electronic designs have some form of timing associated with them
03.12.12
logo
Omron Electronics LLC
G32A-C OMRON-G32A-C Datasheet
282Kb / 4P
Prevents G3PA Malfunction
logo
E&E Magnetic Products L...
833-00017 EEMAGNETIC-833-00017 Datasheet
464Kb / 2P
Fully encapsulated with a frequency of 200kHz maximum
logo
ETA-USA
WMM-SX-A ETA-USA-WMM-SX-A Datasheet
1,001Kb / 3P
12W High frequency design, less power consumption
logo
AiT Semiconductor Inc.
A8180 AITSEMI-A8180 Datasheet
794Kb / 19P
LED LIGHTING DRIVER HIGH BRIGHTNESS LED DRIVER WITH INTERNAL SWITCH
REV3.0 - APR 2010
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com