Electronic Components Datasheet Search
  English  ▼

X  

GL3276 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # GL3276
Description  Less changes of malfunction associated with a high-frequency lighting fluorscent lamp internal trap circuit.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL3276 Datasheet(HTML) 4 Page - Hynix Semiconductor

  GL3276 Datasheet HTML 1Page - Hynix Semiconductor GL3276 Datasheet HTML 2Page - Hynix Semiconductor GL3276 Datasheet HTML 3Page - Hynix Semiconductor GL3276 Datasheet HTML 4Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GL3276A
4
Typical Characteristics (TA = 25¡ É
)
Supply Current vs. Supply Voltage
VCC-Supply Voltage
2.5
3
3.5
4
4.5
5
5.5
6.5
2.5
2
1.5
1
0.5
Voltage Gain vs. Input Frequency
fIN-Input Frequency
25
30
35
40
45
50
90
80
70
60
50
40
30
20
10
0
V
CC=5V
R2=130k§ Ù
V
i=30¥
ì
Vp-p
Gain vs. Capacitance(C1)
CI-Capacitance-pF
Frequency
1000
2000
3000
4000
5000
82
78
74
70
66
Frequency vs. Resistance (R2)
R2-Resistance-k§ Ù
40
60
80
100
120
140
160
180
200
90
80
70
60
50
40
30
20
Vcc=5V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com