Electronic Components Datasheet Search
  English  ▼

X  

GL3812 Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # GL3812
Description  AUDIO/VIDEO SWITCH FOR TV, VCR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL3812 Datasheet(HTML) 3 Page - Hynix Semiconductor

  GL3812 Datasheet HTML 1Page - Hynix Semiconductor GL3812 Datasheet HTML 2Page - Hynix Semiconductor GL3812 Datasheet HTML 3Page - Hynix Semiconductor GL3812 Datasheet HTML 4Page - Hynix Semiconductor GL3812 Datasheet HTML 5Page - Hynix Semiconductor GL3812 Datasheet HTML 6Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
GL3812
3
Electrical Characteristics:
,
C
°
25
=
A
T
V
12
=
CC
V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Current Dissipation
2
,
1
CC
I
V
12
=
V
=
V
2
CC
1
CC
10
15
20
mA
Video Channel Bandwidth
V
F
-3dB Frequency
5
10
—
MHz
Video Signal Voltage Gain
V
A
f=500 kHz,
p
.
p
IN
V
1
V
=
5.0
6.0
7.0
dB
Video Signal
Input Dynamic Range
V
D
f=500 kHz,
THD < 1 %
1.7
2.0
—
p
.
p
V
Video Channel PSRR
V
PS
p
.
p
V
1
+
V
12
=
1
CC
V
Sine Wave (50Hz/60Hz)
15
20
—
DB
Video Channel Input Impedance
IV
R
10
15
20
K
Ω
Video Channel Output Impedance
OV
R
—
200
—
Ω
Video Channel Crosstalk
V
CT
f=3.58 MHz,
p
.
p
V
1
=
IN
V
40
50
—
DB
Video Channel S/N
V
SN
p
.
p
V
2
=
out
V
50
60
—
DB
Audio Channel Bandwidth
A
F
-3dB frequency
100
—
-
—
KHz
Audio Signal Voltage Gain
a
A
f=1 kHz,
p
.
p
V
5
.
0
=
IN
V
10
12
14
DB
Audio Signal
Input Dynamic Range
a
D
f=1 kHz
THD < 1 %
0.7
1.0
—
p
.
p
V
Audio Channel PSRR
a
PS
p
.
p
V
1
+
V
12
=
2
CC
V
Sine Wave (50Hz/60Hz)
15
20
—
DB
Audio Channel Input Impedance
ia
R
10
15
20
K
Ω
Audio Channel Output Impedance
oa
R
—
200
—
Ω
Audio Channel Crosstalk
a
CT
f=1 kHz
50
60
—
DB
Audio Channel S/N
a
SN
p
.
p
V
2
=
OUT
V
60
70
—
DB
Audio Signal THD
a
THD
f=1 kHz,
p
.
p
V
2
=
OUT
V
—
0.5
1.5
%
Input Mode Selection
Threshold Voltage
MTH
V
2.0
2.3
2.6
V
PIN 14 (
3
V /H)
Low Level Voltage
3
V
,
L
V
TV or
1
V
or
2
V
1 mode selection
—
—
0.5
V
PIN 14 (
3
V /H)
High Level Voltage
3
V
,
H
V
3
V
mode selection
10
—
—
V
PIN 15 (TV/L)
Low Level Voltage
TV
,
L
V
TV mode selection
—
—
0.5
V
PIN 15 (TV/L)
High Level Voltage
TV
,
H
V
1
V
or
2
V
or
3
V
1 mode selection
10
—
—
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com